Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6711 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG TLE6711 Datasheet HTML 22Page - Infineon Technologies AG TLE6711 Datasheet HTML 23Page - Infineon Technologies AG TLE6711 Datasheet HTML 24Page - Infineon Technologies AG TLE6711 Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
22
Rev. 3.4, 2007-08-16
TLE 6711
Diagrams: Oscillator and Boost/Buck-Converter Performance
Boost and Logic Output Voltage vs.
Junction Temperature
Boost and Buck ON Resistance vs.
Junction Temperature
Boost and Buck Overcurrent Threshold vs.
Junction Temperature
AED02983
-50
= 50 mA
Boost
V
j
T
Boost
I
-25
0
25 50 75 100
˚C 150
4.950
4.975
5.000
5.025
V
26
27
28
29
30
V
V
CC
= 250 mA
I
CC
AED02984
-50
= 1 A
j
T
BOI
I
-25
0
25 50 75 100
˚C 150
0
100
200
300
600
700
800
1000
ON
R
400
500
m
Ω
R
BOON @
= 1 A
BUON
RI
@ BUO
AED02985
-50
j
T
-25
0
25 50 75 100
˚C 150
0.8
I
BOOC (Boost-Converter)
I
OC
0.9
1
1.1
1.2
1.3
1.4
A
(Buck-Converter)
I
BUOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com