Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7236E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7236E
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236E Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7236E Datasheet HTML 1Page - Infineon Technologies AG TLE7236E Datasheet HTML 2Page - Infineon Technologies AG TLE7236E Datasheet HTML 3Page - Infineon Technologies AG TLE7236E Datasheet HTML 4Page - Infineon Technologies AG TLE7236E Datasheet HTML 5Page - Infineon Technologies AG TLE7236E Datasheet HTML 6Page - Infineon Technologies AG TLE7236E Datasheet HTML 7Page - Infineon Technologies AG TLE7236E Datasheet HTML 8Page - Infineon Technologies AG TLE7236E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Data Sheet
5
Rev. 1.0, 2008-10-30
TLE7236E
Overview
Detailed Description
The TLE7236E is an eight channel high-side and low-side relay switch providing embedded protective functions.
The output stages incorporate two low-side switches (0.9
Ω per channel), four high-side switches (two channels
with 0.9
Ω and two channels with 1.6 Ω) and two auto-configuring high-side or low-side switches (0.9 Ω per
channel). The auto-configuring switches can be utilized in high-side or low-side configuration just by connecting
the load accordingly. They are also suitable to switch a 5 V supply line in high-side configuration. Protective and
diagnostic functions adjust automatically to the chosen configuration.
The 8 bit serial peripheral interface (SPI) is utilized for control and diagnosis of the device and the loads. The SPI
interface provides daisy chain capability in order to assemble multiple devices in one SPI chain by using the same
number of micro-controller pins.
The outstanding feature of this octal relay switch enables the output channels to keep their state at low battery
voltage. This is realized by an integrated power supply, especially designed to fulfill cranking mode requirements
(Vbb = 4 V) independent from digital power supply (
V
DD). The SPI functionality is given only when the digital power
supply is available.
Furthermore, the TLE7236E is equipped with two input pins that can be individually routed to the output control of
each channel thus offering complete flexibility in design and PCB-layout. The input multiplexer is controlled via
SPI.
In limp home mode (fail-safe mode), the input pins are directly routed to the configurable output channels 4 and
5. The limp home mode operates independently of digital power supply and is activated via pin LHI.
The device provides full diagnosis of the load via open load, over load and short circuit detection. SPI diagnosis
flags indicate latched fault conditions that may have occurred.
Each output stage is protected against short circuit. In case of over load, the affected channel switches off. There
are temperature sensors available for each channel to protect the device against over temperature.
The device protects itself with a build in reverse polarity protection which prohibits intrinsic current flow through
the logic during reverse polarity. However the output stages still incorporate a reverse diode where current can
flow through during reverse polarity.
The power transistors are built by N-channel power MOSFETs. The inputs are ground referenced CMOS
compatible. The device is monolithically integrated in Smart Power Technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com