Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7236E Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE7236E
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236E Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE7236E Datasheet HTML 15Page - Infineon Technologies AG TLE7236E Datasheet HTML 16Page - Infineon Technologies AG TLE7236E Datasheet HTML 17Page - Infineon Technologies AG TLE7236E Datasheet HTML 18Page - Infineon Technologies AG TLE7236E Datasheet HTML 19Page - Infineon Technologies AG TLE7236E Datasheet HTML 20Page - Infineon Technologies AG TLE7236E Datasheet HTML 21Page - Infineon Technologies AG TLE7236E Datasheet HTML 22Page - Infineon Technologies AG TLE7236E Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Data Sheet
19
Rev. 1.0, 2008-10-30
TLE7236E
Power Stages
6.5
Electrical Characteristics
Unless otherwise specified:
V
DD = 3.0 V to 5.5V, VBAT = 9.0 V to 16V, Tj = -40 °C to +150 °C
typical values:
V
DD = 5.0 V, VBAT = 13.5 V, Tj = 25 °C
Pos. Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.
Output Characteristics
6.5.1 On-State resistance
R
DS(ON)
Ω
channel 0, 1, 4, 5, 6, 7
–
0.9
–
I
L = 220 mA
T
j = 25 °C
–1.4
1.9
T
j = 150 °C
channel 2, 3
–
1.6
–
I
L = 110 mA
T
j = 25 °C
–2.6
3.9
T
j = 150 °C
6.5.2 Nominal load current
I
Out(nom)
mA
all channels on
T
a = 100 °C
T
j,max = 150 °C
based on
R
thja
channel 0, 1, 4, 5, 6, 7
350
500
–
1)
1) Not subject to production test, specified by design.
channel 2, 3
175
250
–
1)
6.5.3 Output leakage current in sleep mode
I
Out(Sleep)
––
1
µA
V
DS = 13.5 V
T
j = 25 °C
1)
––
2
T
j = 85 °C
1)
––
5
T
j = 150 °C
6.5.4 Output clamping voltage
V
OUT_S(CL)
––
-16
V
–
V
OUT_DS(CL) 41
–
–
V
–
Input Characteristics
6.5.5 L level of pin IN & LHI
V
IN(L)
0–
0.6
V
–
6.5.6 H level of pin IN & LHI
V
IN(H)
1.8–
5.5V
–
6.5.7 Input voltage hysteresis at pin IN
∆VIN
–0.1
–V
1)
6.5.8 L-input pull-down current through pin IN
I
IN(L)
1.5
–
–
µA
V
IN = 0.6 V
1)
6.5.9 H-input pull-down current through pin IN
I
IN(H)
10
40
80
µA
V
IN = 5 V
Timings
6.5.10 Turn-on time
V
DS = 20% Vbat
t
ON
µs
V
bb = 13.5 V
resistive load
channel 0, 1,4,5
–
–
100
I
DS= 250 mA
channel 2, 3
–
–
100
I
DS= 120 mA
channel 6,7
–
–
100
I
DS = 250 mA
6.5.11 Turn-off time
V
DS = 80% Vbb
t
OFF
µs
V
bb = 13.5 V
resistive load
channel 0, 1, 4, 5
–
–
100
I
DS = 250 mA
channel 2, 3 (HS)
–
–
100
I
DS = 120 mA
channel 6, 7 (LS)
–
–
100
I
DS = 250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com