Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7236E Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7236E
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236E Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7236E Datasheet HTML 7Page - Infineon Technologies AG TLE7236E Datasheet HTML 8Page - Infineon Technologies AG TLE7236E Datasheet HTML 9Page - Infineon Technologies AG TLE7236E Datasheet HTML 10Page - Infineon Technologies AG TLE7236E Datasheet HTML 11Page - Infineon Technologies AG TLE7236E Datasheet HTML 12Page - Infineon Technologies AG TLE7236E Datasheet HTML 13Page - Infineon Technologies AG TLE7236E Datasheet HTML 14Page - Infineon Technologies AG TLE7236E Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
11
Rev. 1.0, 2008-10-30
TLE7236E
Electrical Characteristics
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.1.11 Maximum energy dissipation one channel
repetitive pulses for ch. 2,3
E
AR
mJ
2)
1·104 cycles
–
12
T
j(0) = 105 °C
I
D(0) = 0.180 A
1·106 cycles
–
11
T
j(0) = 105 °C
I
D(0) = 0.180 A
Logic Pins
4.1.12 Voltage at input pins
V
IN
-0.3
V
DD + 0.3 V
3)
4.1.13 Voltage at LHI pin
V
LHI
-0.3
5.5
V–
4.1.14 Voltage at chip select pin
V
CS
-0.3
V
DD + 0.3 V
3)
4.1.15 Voltage at serial clock pin
V
SCLK
-0.3
V
DD + 0.3 V
3)
4.1.16 Voltage at serial input pin
V
SI
-0.3
V
DD + 0.3 V
3)
4.1.17 Voltage at serial output pin
V
SO
-0.3
V
DD + 0.3 V
3)
Temperatures
4.1.18 Junction Temperature
T
j
-40
150
°C–
4.1.19 Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.20 ESD susceptibility on all pins
V
ESD
-2
2
kV
HBM4)
1) not subject to production test
2) Pulse shape represents inductive switch off:
I
L(t) = IL(0) * (1 - t / tpulse); 0 < t < tpulse
3)
V
DD + 0.3 V < 5.5 V
4) ESD susceptibility, HBM according to EIA/JESD 22-A114
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply Voltage Range for
Nominal Operation
V
bb(nom)
916
V
–
4.2.2
upper Supply Voltage Range for
Extended Operation
V
bb(ext),up
16
28
V
Parameter
Deviations possible
4.2.3
lower Supply Voltage Range for
Extended Operation
V
bb(ext),low
4
9
V
Parameter
Deviations possible
4.2.4
Junction Temperature
T
j
-40
150
°C–
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Absolute Maximum Ratings1)
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com