Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7236E Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7236E
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236E Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7236E Datasheet HTML 13Page - Infineon Technologies AG TLE7236E Datasheet HTML 14Page - Infineon Technologies AG TLE7236E Datasheet HTML 15Page - Infineon Technologies AG TLE7236E Datasheet HTML 16Page - Infineon Technologies AG TLE7236E Datasheet HTML 17Page - Infineon Technologies AG TLE7236E Datasheet HTML 18Page - Infineon Technologies AG TLE7236E Datasheet HTML 19Page - Infineon Technologies AG TLE7236E Datasheet HTML 20Page - Infineon Technologies AG TLE7236E Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
17
Rev. 1.0, 2008-10-30
TLE7236E
Power Stages
6.3
Inductive Output Clamp
When switching off inductive loads with low-side switches, the potential at pin OUT rises to
V
DS(CL) potential,
because the inductance intends to continue driving the current. For the high-side channels, the potential at pin
OUT drops below ground potential to
V
S(CL). The voltage clamping is necessary to prevent destruction of the
device, see Figure 5 for details. Nevertheless, the maximum allowed load inductance is limited by the max.
clamping energy
E
AR see electrical characteristics “EAR” on Page 10.
Figure 5
Output Clamp Implementation
Maximum Load Inductance
During demagnetization of inductive loads, energy has to be dissipated in the TLE7236E. This energy can be
calculated with following equations:
Low-side
(1)
High-side
(2)
These equations simplify under the assumption of
R
L = 0:
Low-side
(3)
High-side
(4)
The maximum energy, which is converted into heat, is limited by the thermal design of the component.
OutputClamp.emf
high side
channel
GND
Vbb
L,
RL
VS
I
S
VBB
OUT
low side
channel
L,
R
L
I
D
OUT
VD
V
S(CL)
VDS(CL)
GND
VDS(CL)
IL
IL
EVD(CL)
Vbb V
–
D(CL)
RL
-------------------------------- ln
⋅
1
RL IL
⋅
Vbb V
–
D(CL)
--------------------------------
–



IL
+
L
RL
------
⋅⋅
=
EVbb VS(CL)
–
()
VS(CL)
RL
---------------- ln
⋅
1
RL IL
⋅
VS(CL)
----------------
–



IL
+
L
RL
------
⋅⋅
=
E
1
2
---
LIL
2
1
Vbb
Vbb V
–
D(CL)
--------------------------------
–



⋅
=
E
1
2
---
LIL
2
1
Vbb
VS(CL)
----------------
–



⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com