Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7236E Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7236E
Description  8 Channel High-Side and Low-Side Relay Switch with Limp Home Mode and Cranking
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236E Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7236E Datasheet HTML 14Page - Infineon Technologies AG TLE7236E Datasheet HTML 15Page - Infineon Technologies AG TLE7236E Datasheet HTML 16Page - Infineon Technologies AG TLE7236E Datasheet HTML 17Page - Infineon Technologies AG TLE7236E Datasheet HTML 18Page - Infineon Technologies AG TLE7236E Datasheet HTML 19Page - Infineon Technologies AG TLE7236E Datasheet HTML 20Page - Infineon Technologies AG TLE7236E Datasheet HTML 21Page - Infineon Technologies AG TLE7236E Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
TLE7236E
Power Stages
Data Sheet
18
Rev. 1.0, 2008-10-30
6.4
Timing Diagrams
The power transistors are switched on and off with a dedicated slope via the INX bits of the serial peripheral
interface (SPI). The switching times
t
ON and tOFF are designed equally.
Figure 6
Switching a Resistive Load
In input mode, a high signal at the input pin is equivalent to a SPI ON command and a low signal to SPI OFF
command respectively. Please refer to Section 9.3 for details on SPI protocol.
IN
VDS
t
SwitchOn .emf
tON
tOFF
t
20%
80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com