Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDC3841W Datasheet(PDF) 7 Page - International Rectifier

Part # IRDC3841W
Description  USER GUIDE FOR IR3841W EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3841W Datasheet(HTML) 7 Page - International Rectifier

Back Button IRDC3841W Datasheet HTML 3Page - International Rectifier IRDC3841W Datasheet HTML 4Page - International Rectifier IRDC3841W Datasheet HTML 5Page - International Rectifier IRDC3841W Datasheet HTML 6Page - International Rectifier IRDC3841W Datasheet HTML 7Page - International Rectifier IRDC3841W Datasheet HTML 8Page - International Rectifier IRDC3841W Datasheet HTML 9Page - International Rectifier IRDC3841W Datasheet HTML 10Page - International Rectifier IRDC3841W Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IRDC3841W
10/26/2009
7
Bill of Materials
Item Quantity Part Reference
Value
Description
Manufacturer
Part Number
1
1 C1
330uF
SMD Elecrolytic, Fsize, 25V, 20%
Panasonic
EEV-FK1E331P
2
1 C34
10uF
0805, 10V, X5R, 20%
Panasonic - ECG
ECJ-GVB1A106M
3
4 C3 C4 C5 C2
10uF
1206, 16V, X5R, 20%
Panasonic - ECG
ECJ-3YB1C106M
4
6 C7 C10 C13 C14 C24 C32
0.1uF
0603, 25V, X7R, 10%
Panasonic - ECG
ECJ-1VB1E104K
5
1 C8
2200pF
0603, 50V, NP0, 5%
Murata
GRM1885C1H222JA01D
6
1 C11
150pF
0603, 50V, NP0, 5%
Panasonic- ECG
ECJ-1VC1H151J
76 C15 C16 C17 C18 C19 C20 22uF
0805, 6.3V, X5R, 20%
Panasonic- ECG
ECJ-2FB0J226M
8
1 C26
10000pF
0603, 50V, X7R, 10%
Panasonic - ECG
ECJ-1VB1H103K
9
1 D1
MM3Z5V6B
MM3Z5V6B,Zener, 5.6V
Fairchild
MM3Z5V6B
10
1 L1
1.0uH
11.5x10x4mm, 20%, 3mOhm
Delta
MPL105-1R0IR
11
1 Q1
MMBT3904/SOT NPN, 40V, 200mA, SOT-23
Fairchild
MMBT3904/SOT
12
1 R5
3.3k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX3301
13
1 R18
49.9k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX4992
14
1 R4
130
Thick Film, 0603,1/10W,1%
Panasonic - ECG
ERJ-3EKF1300V
15
1 R6
20
Thick Film, 0603,1/10 W,1%
Vishey/Dale
CRCW060320R0FKEA
16
1 R9
23.7k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX2372
17
1 R16
0
Thick Film, 0603,1/10 W,5%
Vishay/Dale
CRCW06030000Z0EA
18
1 R12
2.15k
Thick Film, 0603,1/10 W,1%
Rohm
MCR03EZPFX2151
19
1 R17
10.0k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX1002
20
1 R19
7.50k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX7501
21
1 R1
3.01k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX3011
22
1 R2
4.02k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX4021
23
1 R3
2.55k
Thick Film, 0603,1/10W,1%
Rohm
MCR03EZPFX2551
24
1 U1
IR3841W
PQFN 6mmx5mm, 8A SupIRBuck
International Rectifier IR3841WMPbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com