Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDC3841W Datasheet(PDF) 16 Page - International Rectifier

Part # IRDC3841W
Description  USER GUIDE FOR IR3841W EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3841W Datasheet(HTML) 16 Page - International Rectifier

Back Button IRDC3841W Datasheet HTML 9Page - International Rectifier IRDC3841W Datasheet HTML 10Page - International Rectifier IRDC3841W Datasheet HTML 11Page - International Rectifier IRDC3841W Datasheet HTML 12Page - International Rectifier IRDC3841W Datasheet HTML 13Page - International Rectifier IRDC3841W Datasheet HTML 14Page - International Rectifier IRDC3841W Datasheet HTML 15Page - International Rectifier IRDC3841W Datasheet HTML 16Page - International Rectifier IRDC3841W Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
IRDC3841W
10/26/2009
Stencil Design
•
The Stencil apertures for the lead lands should be approximately 80% of the area of the
lead lads. Reducing the amount of solder deposited will minimize the occurrences of lead
shorts. If too much solder is deposited on the center pad the part will float and the lead
lands will be open.
•
The maximum length and width of the land pad stencil aperture should be equal to the
solder resist opening minus an annular 0.2mm pull back to decrease the incidence of
shorting the center land to the lead lands when the part is pushed into the solder paste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com