Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDC3841W Datasheet(PDF) 11 Page - International Rectifier

Part # IRDC3841W
Description  USER GUIDE FOR IR3841W EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3841W Datasheet(HTML) 11 Page - International Rectifier

Back Button IRDC3841W Datasheet HTML 7Page - International Rectifier IRDC3841W Datasheet HTML 8Page - International Rectifier IRDC3841W Datasheet HTML 9Page - International Rectifier IRDC3841W Datasheet HTML 10Page - International Rectifier IRDC3841W Datasheet HTML 11Page - International Rectifier IRDC3841W Datasheet HTML 12Page - International Rectifier IRDC3841W Datasheet HTML 13Page - International Rectifier IRDC3841W Datasheet HTML 14Page - International Rectifier IRDC3841W Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
IRDC3841W
10/26/2009
11
Fig.16: Power loss versus load current
Fig.15: Efficiency versus load current
TYPICAL OPERATING WAVEFORMS
Vin=12V, Vo=1.8V, Io=0- 8A, Room Temperature, No Air Flow
90.0
90.5
91.0
91.5
92.0
92.5
93.0
93.5
94.0
10
20
30
40
50
60
70
80
90
100
Load Percentage (%)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
10
20
30
40
50
60
70
80
90
100
Load Percentage (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com