Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDC3841W Datasheet(PDF) 1 Page - International Rectifier

Part # IRDC3841W
Description  USER GUIDE FOR IR3841W EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3841W Datasheet(HTML) 1 Page - International Rectifier

  IRDC3841W Datasheet HTML 1Page - International Rectifier IRDC3841W Datasheet HTML 2Page - International Rectifier IRDC3841W Datasheet HTML 3Page - International Rectifier IRDC3841W Datasheet HTML 4Page - International Rectifier IRDC3841W Datasheet HTML 5Page - International Rectifier IRDC3841W Datasheet HTML 6Page - International Rectifier IRDC3841W Datasheet HTML 7Page - International Rectifier IRDC3841W Datasheet HTML 8Page - International Rectifier IRDC3841W Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IRDC3841W
10/26/2009
1
USER GUIDE FOR IR3841W EVALUATION BOARD
DESCRIPTION
The
IR3841W
is
a
synchronous
buck
converter,
providing
a
compact,
high
performance and flexible solution in a small
5mmx6mm Power QFN package.
Key
features
offered
by
the
IR3841W
include
programmable
soft-start
ramp,
precision 0.7V reference voltage, Power
Good
, thermal protection, programmable
switching
frequency,
Sequence
input,
Enable input, input under-voltage lockout for
proper start-up, and pre-bias start-up.
An output over-current protection function is
implemented by sensing the voltage developed
across the on-resistance of the synchronous
rectifier
MOSFET
for
optimum
cost
and
performance.
This user guide contains the schematic and bill
of materials for the IR3841W evaluation board.
The guide describes operation and use of the
evaluation board itself. Detailed
application
information for IR3841W is available in the
IR3841W data sheet.
BOARD FEATURES
• V
in = +12V (13.2V Max)
• V
cc=+5V (5.5V Max)
• V
out = +1.8V @ 0- 8A
• F
s=600kHz
• L= 1.0uH
• C
in= 4x10uF (ceramic 1206) + 330uF (electrolytic)
• C
out= 6x22uF (ceramic 0805)
SupIRBuckTM


Similar Part No. - IRDC3841W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
USER GUIDE FOR IR3841 EVALUATION BOARD
More results

Similar Description - IRDC3841W

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
USER GUIDE FOR IR3842W EVALUATION BOARD
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
USER GUIDE FOR IR3899 EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
Evaluation Board User Guide
REV. B
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
Evaluation Board User Guide
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com