Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDC3841W Datasheet(PDF) 14 Page - International Rectifier

Part # IRDC3841W
Description  USER GUIDE FOR IR3841W EVALUATION BOARD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3841W Datasheet(HTML) 14 Page - International Rectifier

Back Button IRDC3841W Datasheet HTML 9Page - International Rectifier IRDC3841W Datasheet HTML 10Page - International Rectifier IRDC3841W Datasheet HTML 11Page - International Rectifier IRDC3841W Datasheet HTML 12Page - International Rectifier IRDC3841W Datasheet HTML 13Page - International Rectifier IRDC3841W Datasheet HTML 14Page - International Rectifier IRDC3841W Datasheet HTML 15Page - International Rectifier IRDC3841W Datasheet HTML 16Page - International Rectifier IRDC3841W Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
IRDC3841W
10/26/2009
PCB Metal and Components Placement
The lead lands (the 11 IC pins) width should be equal to the nominal part lead width. The minimum
lead to lead spacing should be
≥ 0.2mm to minimize shorting.
Lead land length should be equal to the maximum part lead length + 0.3 mm outboard extension. The
outboard extension ensures a large and inspectable toe fillet.
The pad lands (the 4 big pads other than the 11 IC pins) length and width should be equal to
maximum part pad length and width. However, the minimum metal to metal spacing should be no less
than 0.17mm for 2 oz. Copper; no less than 0.1mm for 1 oz. Copper and no less than 0.23mm for 3 oz.
Copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com