Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7244SL Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7244SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7244SL Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7244SL Datasheet HTML 5Page - Infineon Technologies AG TLE7244SL Datasheet HTML 6Page - Infineon Technologies AG TLE7244SL Datasheet HTML 7Page - Infineon Technologies AG TLE7244SL Datasheet HTML 8Page - Infineon Technologies AG TLE7244SL Datasheet HTML 9Page - Infineon Technologies AG TLE7244SL Datasheet HTML 10Page - Infineon Technologies AG TLE7244SL Datasheet HTML 11Page - Infineon Technologies AG TLE7244SL Datasheet HTML 12Page - Infineon Technologies AG TLE7244SL Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Datasheet
9
Rev. 1.0, 2009-09-30
SPI Driver for Enhanced Relay Control
SPIDER - TLE7244SL
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
Unless otherwise specified:
T
j = -40 °C to +150 °C; VDD = 3.0 V to VDDA, VDDA= 4.5V to 5.5V
all voltages with respect to ground, positive current flowing into pin
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Power Supply
4.1.1
Digital supply voltage
V
DD
-0.3
5.5
V
–
4.1.2
Analog supply voltage
VDDA
-0.3
5.5
V
–
4.1.3
Output voltage for short circuit protection
(single pulse)
VOUT
036
V
–
Power Stages
4.1.4
Load current
ID
-0.5
0.5
A
4.1.5
Voltage at power transistor
VDS
–
41
V
active clamped
4.1.6
Maximum energy dissipation one
channel
EAS
mJ
2)V
bat=16V,
Vclamp=45V,
tpulse= 4 ms
2) Pulse shape represents inductive switch off: ID(t) = ID(0) × (1 - t / tpulse); 0 < t < tpulse
single pulse
–
150
Tj(0) = 150 °C
ID(0) =0.50 A
repetitive (1 · 104 cycles)
repetitive (1 · 106 cycles)
EAR
–
–
100
60
Tj(0) = 105 °C
ID(0) =0.40 A
ID(0) =0.40 A
Logic Pins
4.1.7
IN1,IN2,IN3,IN4;Voltage at input pins
V
IN
-0.3
5.5
V
4.1.8
RST; Voltage at reset pin
V
RST
-0.3
5.5
V
4.1.9
LHI; Voltage at limp home input pin
V
LHI
-0.3
5.5
V
4.1.10
CS; Voltage at chip select
V
CS
-0.3
V
DD + 0.3
V
3)
3) level must not exceed
V
DD+0.3V < 5.5 V
4.1.11
SCLK; Voltage at serial clock pin
V
SCLK
-0.3
V
DD + 0.3
V
3)
4.1.12
SI; Voltage at serial input pin
V
SI
-0.3
V
DD + 0.3
V
3)
4.1.13
SO; Voltage at serial output pin
V
SO
-0.3
V
DD + 0.3
V
3)
Temperatures
4.1.14
Junction Temperature
T
j
-40
150
°C–
4.1.15
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.16
ESD Resistivity
VESD
-4
4
kV
HBM4)
4) ESD susceptibility, HBM according to EIA/JESD 22-A114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com