Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7244SL Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7244SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7244SL Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7244SL Datasheet HTML 18Page - Infineon Technologies AG TLE7244SL Datasheet HTML 19Page - Infineon Technologies AG TLE7244SL Datasheet HTML 20Page - Infineon Technologies AG TLE7244SL Datasheet HTML 21Page - Infineon Technologies AG TLE7244SL Datasheet HTML 22Page - Infineon Technologies AG TLE7244SL Datasheet HTML 23Page - Infineon Technologies AG TLE7244SL Datasheet HTML 24Page - Infineon Technologies AG TLE7244SL Datasheet HTML 25Page - Infineon Technologies AG TLE7244SL Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7244SL
Serial Peripheral Interface (SPI)
Datasheet
22
Rev. 1.0, 2009-09-30
8.3.1
Timing Diagrams
Figure 12
Timing Diagram
SO
Reset Value: 10000H
CS1)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
TER
OL8
D8
OL7
D7
OL6
D6
OL5
D5
OL4
D4
OL3
D3
OL2
D2
OL1
D1
1) This bit is valid between CS hi -> lo and first SCLK lo -> hi transition.
Field
Bits
Type Description
TER
CS
R
Transmission Error
0
Previous transmission was successful (modulo 8 clocks received, minimum 16 bit).
1
Previous transmission failed or first transmission after reset.
OLn
(n = 8 - 1)
15,13,
11,9,7,
5, 3, 1
R
Open Load Flag of channel n
0
Normal operation.
1
Open load has occurred in OFF state.
Dn
(n = 8 - 1)
14,12,
10,8,6,
4, 2, 0
R
Diagnosis Flag of channel n
0
Normal operation.
1
Over load or over temperature switch off has occurred in ON state
.
CS
SCLK
SI
t
CS(lead)
t
CS(td)
t
CS(lag)
tSCLK(H)
tSCLK(L)
tSCLK(P)
tSI(su)
tSI(h)
SO
tSO(v)
tSO(en)
tSO(dis)
0.7Vcc
0.2V
cc
0.7V
cc
0.2V
cc
0.7V
cc
0.2Vcc
0.7V
cc
0.2V
cc
SPI Timing.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com