Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7244SL Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7244SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7244SL Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7244SL Datasheet HTML 17Page - Infineon Technologies AG TLE7244SL Datasheet HTML 18Page - Infineon Technologies AG TLE7244SL Datasheet HTML 19Page - Infineon Technologies AG TLE7244SL Datasheet HTML 20Page - Infineon Technologies AG TLE7244SL Datasheet HTML 21Page - Infineon Technologies AG TLE7244SL Datasheet HTML 22Page - Infineon Technologies AG TLE7244SL Datasheet HTML 23Page - Infineon Technologies AG TLE7244SL Datasheet HTML 24Page - Infineon Technologies AG TLE7244SL Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Datasheet
21
Rev. 1.0, 2009-09-30
SPI Driver for Enhanced Relay Control
SPIDER - TLE7244SL
Serial Peripheral Interface (SPI)
Figure 11
Data Transfer in Daisy Chain Configuration
8.3
SPI Protocol
The SPI protocol of the SPIDER - TLE7244SL provides two registers. The input register and the diagnosis
register. The diagnosis register contains eight pairs of diagnosis flags, the input register contains the input
multiplexer configuration. After power-on reset, all register bits are set to 1 and the device is in idle mode.
Note: If all channels are programmed to Standby, the device changes to power down status with minimum current
consumption (sleep mode).
SI
Default: FFFFH
15
14
13
12
11
10
98
7654
321
0
IN8
IN7
IN6
IN5
IN4
IN3
IN2
IN1
Field
Bits
Type
Description
INn
(n = 8 - 1)
15:14,
13:12,
11:10,
9:8,
7:6,
5:4,
3:2,
1:0
W
Input Register Channel n
00B Stand-by Mode:
Channel is switched off.
Diagnosis flags are cleared.
Diagnosis current is disabled.
01B Input Mode:
Channel is switched according to signal at input pin.
Diagnosis current is enabled in OFF-state.
10B ON Mode:
Channel is switched on.
11B OFF Mode:
Channel is switched off.
Diagnosis current is enabled.
MI
MO
MCS
MCLK
SI device 3
SI device 2
SI device 1
SO device 3
SO device 2
SO device 1
time
SPI_DasyChain2.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com