Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7244SL Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7244SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7244SL Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7244SL Datasheet HTML 10Page - Infineon Technologies AG TLE7244SL Datasheet HTML 11Page - Infineon Technologies AG TLE7244SL Datasheet HTML 12Page - Infineon Technologies AG TLE7244SL Datasheet HTML 13Page - Infineon Technologies AG TLE7244SL Datasheet HTML 14Page - Infineon Technologies AG TLE7244SL Datasheet HTML 15Page - Infineon Technologies AG TLE7244SL Datasheet HTML 16Page - Infineon Technologies AG TLE7244SL Datasheet HTML 17Page - Infineon Technologies AG TLE7244SL Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7244SL
Input and Power Stages
Datasheet
14
Rev. 1.0, 2009-09-30
5.3
Input and Power Stages Characteristics
Note: Characteristics show the deviation of parameter at given supply voltage and junction temperature. Typical
values show the typical parameters expected from manufacturing.
Electrical Characteristics: Supply and Input
All voltages with respect to ground, positive current flowing into pin
unless otherwise specified:
V
DD = 3.0 V to VDDA, VDDA= 4.5V to 5.5V, Tj = -40 °C to +150 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Power Supply
5.3.1
Digital supply voltage
V
DD
3.0
–
5.5
V
5.3.2
Digital supply current, all channels
ON
I
DD(ON)
––
0.5
mA
V
DD = VDDA = 5 V
V
RST = VCS = V
DD
VSCLK = 0 V
VIN = 0 V
5.3.3
Digital supply stand-by current, all
channels in stand-by mode
I
DD(STB)
–
–
–
–
–
–
20
20
40
μA
fSCLK = 0 Hz
V
CS = VDD
Tj = 25 °C
1)
Tj = 85 °C
1)
Tj = 150 °C
5.3.4
Digital supply reset current
I
DD(RST)
–
–
–
–
–
–
10
10
20
μA
VRST =VLHI = 0 V
Tj = 25 °C
1)
Tj = 85 °C
1)
Tj = 150 °C
5.3.5
Digital power-on reset threshold
voltage
V
DD(PO)
–2.7
V
5.3.6
Analog supply voltage
V
DDA
4.5
–
5.5
V
5.3.7
Analog supply current
all channels ON
I
DDA(ON)
–
–5mA
5.3.8
Analog supply stand-by current
all channels in stand-by mode
I
DDA(STB)
–
–
–
–
–
–
20
20
40
μA
V
CS = VDD
VSI = 0 V
VSCLK = 0 V
Tj = 25 °C
1)
Tj = 85 °C
1)
Tj = 150 °C
5.3.9
Analog supply reset current
IDDA(RST) –
–
–
–
–
–
–
–
5
5
20
μA
VRST =VLHI = 0 V
Tj = 25 °C
1)
Tj = 85 °C
1)
Tj = 150 °C
5.3.10
Analog power-on reset threshold
voltage
VDDA(PO)
––
4.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com