Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7244SL Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7244SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7244SL Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7244SL Datasheet HTML 9Page - Infineon Technologies AG TLE7244SL Datasheet HTML 10Page - Infineon Technologies AG TLE7244SL Datasheet HTML 11Page - Infineon Technologies AG TLE7244SL Datasheet HTML 12Page - Infineon Technologies AG TLE7244SL Datasheet HTML 13Page - Infineon Technologies AG TLE7244SL Datasheet HTML 14Page - Infineon Technologies AG TLE7244SL Datasheet HTML 15Page - Infineon Technologies AG TLE7244SL Datasheet HTML 16Page - Infineon Technologies AG TLE7244SL Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Datasheet
13
Rev. 1.0, 2009-09-30
SPI Driver for Enhanced Relay Control
SPIDER - TLE7244SL
Input and Power Stages
Figure 5
Output Clamp Implementation
Maximum Load Inductance
During demagnetization of inductive loads, energy has to be dissipated in the SPIDER - TLE7244SL. This energy
can be calculated with following equation:
Following equation simplifies under the assumption of RL = 0:
The maximum energy, which is converted into heat, is limited by the thermal design of the component.
5.2.2
Timing Diagrams
The power transistors are switched on and off with a dedicated slope via the IN bits of the serial peripheral
interface SPI. The switching times tON and tOFF are designed equally.
Figure 6
Switching a Resistive Load
In input mode, a high signal at the input pin is equivalent to a SPI ON command and a low signal to SPI OFF
command respectively. Please refer to Section 8.3 for details on operation modes.
OutputClamp.emf
V
bat
I
D
V
DS (CL)
OUT
V
DS
GND
L,
R
L
EVDS(CL)
Vbat V
–
DS(CL)
RL
------------------------------------ ln
⋅
1
RL IL
⋅
Vbat V
–
DS(CL)
------------------------------------
–
⎝⎠
⎜⎟
⎛⎞
IL
+
L
RL
------
⋅⋅
=
E
1
2
---
LIL
2
1
Vbat
Vbat V
–
DS(CL)
------------------------------------
–
⎝⎠
⎜⎟
⎛⎞
⋅
=
CS
V
DS
t
SwitchOn.emf
t
ON
t
OFF
t
20%
80%
SPI: ON
SPI: OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com