Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLHID2 Datasheet(PDF) 21 Page - International Rectifier

Part # IRPLHID2
Description  HID Ballast for 70W Lamp Using the IRS2573D
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLHID2 Datasheet(HTML) 21 Page - International Rectifier

Back Button IRPLHID2 Datasheet HTML 17Page - International Rectifier IRPLHID2 Datasheet HTML 18Page - International Rectifier IRPLHID2 Datasheet HTML 19Page - International Rectifier IRPLHID2 Datasheet HTML 20Page - International Rectifier IRPLHID2 Datasheet HTML 21Page - International Rectifier IRPLHID2 Datasheet HTML 22Page - International Rectifier IRPLHID2 Datasheet HTML 23Page - International Rectifier IRPLHID2 Datasheet HTML 24Page - International Rectifier IRPLHID2 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
www.irf.com
1
- 21 -
Calculate tOFF:
s
f
V
V
t
BUS
MIN
OUT
OFF
73
13
1
400
20
1
,
(11)
Calculate CTOFF:
nF
s
A
V
t
I
C
TOFF
OFF
REF
TOFF
6
.
3
2
73
100
(12)
Off-time programming capacitor selection value:
nF
C
TOFF
3
.
3
 Current sense and over-current resistor value
Calculate the nominal value on VSENSE pin (based on nominal lamp voltage):
V
k
k
k
k
RVS
RVS
RVS
RVS
RVS
V
V
NOM
LAMP
NOM
VSENSE
6
.
1
100
180
180
5
.
7
100
4
3
2
1
4
,
,
(13)
Calculate the nominal value on ISENSE pin:
V
V
PSENSE
V
NOM
VSENSE
NOM
ISENSE
31
.
0
6
.
1
5
.
0
,
,
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com