Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLHID2 Datasheet(PDF) 3 Page - International Rectifier

Part # IRPLHID2
Description  HID Ballast for 70W Lamp Using the IRS2573D
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLHID2 Datasheet(HTML) 3 Page - International Rectifier

  IRPLHID2 Datasheet HTML 1Page - International Rectifier IRPLHID2 Datasheet HTML 2Page - International Rectifier IRPLHID2 Datasheet HTML 3Page - International Rectifier IRPLHID2 Datasheet HTML 4Page - International Rectifier IRPLHID2 Datasheet HTML 5Page - International Rectifier IRPLHID2 Datasheet HTML 6Page - International Rectifier IRPLHID2 Datasheet HTML 7Page - International Rectifier IRPLHID2 Datasheet HTML 8Page - International Rectifier IRPLHID2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.irf.com
1
- 3 -
2. Overview
The IRPLHID2 reference design kit consists of a complete ballast solution for a 70W HID
lamp. The design contains an EMI filter, low voltage power supply, active power factor
correction and a ballast control circuit using the IRS2573D. This demo board is intended
to help with the evaluation of the IRS2573D HID ballast control IC, demonstrate PCB
layout techniques and serve as an aid in the development of production ballasts using
the IRS2573D.
EMI Filter
Rectifier
Active PFC
1
2
3
4
5
6
7
14
13
12
11
10
8
9
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Control IC
Buck
Ignition
Switch
EOL Control
Ignition Control
Power/Current
Control
Full-Bridge
Control
Buck Control
Low
Voltage
Supply
Full-Bridge
Figure 2.1: IRPLHID2 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com