Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLHID2 Datasheet(PDF) 11 Page - International Rectifier

Part # IRPLHID2
Description  HID Ballast for 70W Lamp Using the IRS2573D
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLHID2 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRPLHID2 Datasheet HTML 7Page - International Rectifier IRPLHID2 Datasheet HTML 8Page - International Rectifier IRPLHID2 Datasheet HTML 9Page - International Rectifier IRPLHID2 Datasheet HTML 10Page - International Rectifier IRPLHID2 Datasheet HTML 11Page - International Rectifier IRPLHID2 Datasheet HTML 12Page - International Rectifier IRPLHID2 Datasheet HTML 13Page - International Rectifier IRPLHID2 Datasheet HTML 14Page - International Rectifier IRPLHID2 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.irf.com
1
- 11 -
HID lamp with an AC square-wave voltage. The full-bridge begins oscillating at the
programmed frequency immediately when the IC comes out of UVLO Mode and turns
on. The full-bridge is typically driven at a low frequency to prevent acoustic resonances
from damaging the lamp. The full-bridge frequency is programmed with the external
capacitor at the CT pin. CT charges up and down linearly through internal sink and
source currents between a fixed voltage window of 2V and 4V. CT reaching 4V initiates
the toggling of LO1/HO1, and LO2/HO2 respectively (see Figure 5.5). The dead-time is
fixed internally at 1.0us typical. During the dead-time, all full-bridge MOSFETs are off
and the mid-points of each half-bridge are floating or unbiased. Should an external
transient occur during the dead-time due to an ignition voltage pulse, each half-bridge
mid-point (VS1 and VS2 pins) can slew high or low very quickly and exceed the dv/dt
rating of the IC. To prevent this, internal logic guarantees that the IGN pin is set to a
logic ‘low’ during the dead-time. No ignition pulses can occur until the dead-time has
ended and the appropriate full-bridge MOSFETs are turned on. This will guarantee that
the mid-points are biased to the output voltage of the buck or COM before an ignition
pulse occurs. The full-bridge stops oscillating only when the IC enters Fault Mode or
UVLO Mode.
Figure 5.5: Full-bridge timing diagram: CH1 is CT pin voltage, CH2 is LO1 voltage, CH3 is LO2
voltage and CH4 is VS1 pin voltage
5.5 Buck Control
The buck control circuit operates in critical-conduction mode or continuous-conduction
mode depending on the off-time of the buck output or the peak current flowing through
the buck MOSFET (MBUCK).
During normal lamp running conditions, the voltage
across the buck current sensing resistor, as measured by the CS pin, is below the
internal over-current threshold (1.2V typical). The buck on-time is defined by the time it
takes for the internal on-time capacitor to charge up to the voltage level on the PCOMP
pin or ICOMP pin, whichever is lower. During the on-time, the current in the buck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com