Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLHID2 Datasheet(PDF) 1 Page - International Rectifier

Part # IRPLHID2
Description  HID Ballast for 70W Lamp Using the IRS2573D
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLHID2 Datasheet(HTML) 1 Page - International Rectifier

  IRPLHID2 Datasheet HTML 1Page - International Rectifier IRPLHID2 Datasheet HTML 2Page - International Rectifier IRPLHID2 Datasheet HTML 3Page - International Rectifier IRPLHID2 Datasheet HTML 4Page - International Rectifier IRPLHID2 Datasheet HTML 5Page - International Rectifier IRPLHID2 Datasheet HTML 6Page - International Rectifier IRPLHID2 Datasheet HTML 7Page - International Rectifier IRPLHID2 Datasheet HTML 8Page - International Rectifier IRPLHID2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.irf.com
1
- 1 -
IRPLHID2
HID Ballast for 70W Lamp Using the IRS2573D
Table of Contents
Page
1. Features ...........................................................................................2
2. Overview ..........................................................................................3
3. Electrical Characteristic....................................................................4
4. Circuit Schematic .............................................................................5
5. Functional Description......................................................................7
6. Fault Conditions .............................................................................15
7. Dimensioning .................................................................................18
8. PCB Layout Considerations ...........................................................23
9. Bill of Materials...............................................................................24
10. IRPLHID2 PCB Layout .................................................................26
11. Inductor Specifications .................................................................28


Similar Part No. - IRPLHID2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
More results

Similar Description - IRPLHID2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2573D IRF-IRS2573D Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
logo
STMicroelectronics
STEVAL-ILH004V1 STMICROELECTRONICS-STEVAL-ILH004V1 Datasheet
141Kb / 6P
70 W electronic ballast for metal halide lamp (HID) based on the L6382D5 and ST7FLITE49K2
06-Oct-2011
STEVAL-ILH005V2 STMICROELECTRONICS-STEVAL-ILH005V2 Datasheet
754Kb / 6P
150 W electronic ballast for HID lamps based on the L6562A and ST7LITE39F2
04-Nov-2011
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
HID Lamp Controller
logo
Molex Electronics Ltd.
130114-0004 MOLEX11-130114-0004 Datasheet
23Kb / 1P
Ballast 70W Metal Halide
logo
International Rectifier
IRS2573DSPBF IRF-IRS2573DSPBF_15 Datasheet
496Kb / 28P
HID BALLAST CONTROL IC
logo
Texas Instruments
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
HID Lamp Controller
logo
Sanken electric
SMA2404M SANKEN-SMA2404M Datasheet
124Kb / 1P
Suitable for inverter element for HID ballast unit
SMA2417M SANKEN-SMA2417M Datasheet
113Kb / 1P
Suitable for inverter element for HID ballast unit
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
Drives 1 x 70W HID lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com