Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLHID2 Datasheet(PDF) 4 Page - International Rectifier

Part # IRPLHID2
Description  HID Ballast for 70W Lamp Using the IRS2573D
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLHID2 Datasheet(HTML) 4 Page - International Rectifier

  IRPLHID2 Datasheet HTML 1Page - International Rectifier IRPLHID2 Datasheet HTML 2Page - International Rectifier IRPLHID2 Datasheet HTML 3Page - International Rectifier IRPLHID2 Datasheet HTML 4Page - International Rectifier IRPLHID2 Datasheet HTML 5Page - International Rectifier IRPLHID2 Datasheet HTML 6Page - International Rectifier IRPLHID2 Datasheet HTML 7Page - International Rectifier IRPLHID2 Datasheet HTML 8Page - International Rectifier IRPLHID2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.irf.com
1
- 4 -
3. Electrical Characteristic
Parameter
Units
Value
Lamp Power
[W]
70
Input Power
[W]
73
Input Voltage
[VACrms]
220
Input Current
[mArms]
338
Lamp Running Voltage
[Vpp]
160
Lamp Running Current
[App]
1.6
Output Frequency
[Hz]
149
Power Factor
0.98 at 220 VAC
Total Harmonic Distortion
[%]
10 at 220 VAC
Input AC Voltage Range
[VACrms]
185 - 265
TABLE 3.1: Ballast Parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com