Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 5 Page - ON Semiconductor

  LM2575_09 Datasheet HTML 1Page - ON Semiconductor LM2575_09 Datasheet HTML 2Page - ON Semiconductor LM2575_09 Datasheet HTML 3Page - ON Semiconductor LM2575_09 Datasheet HTML 4Page - ON Semiconductor LM2575_09 Datasheet HTML 5Page - ON Semiconductor LM2575_09 Datasheet HTML 6Page - ON Semiconductor LM2575_09 Datasheet HTML 7Page - ON Semiconductor LM2575_09 Datasheet HTML 8Page - ON Semiconductor LM2575_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 14)
0
20
-50
3.0
0
-50
2.0
0
1.2
-50
Vin, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
SWITCH CURRENT (A)
Figure 2. Normalized Output Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Line Regulation
Vin = 20 V
ILoad = 200 mA
Normalized at
TJ = 25°C
Figure 4. Switch Saturation Voltage
Figure 5. Current Limit
Figure 6. Dropout Voltage
Figure 7. Quiescent Current
ILoad = 200 mA
TJ = 25°C
3.3 V, 5.0 V and Adj
12 V and 15 V
25
°C
Vin = 25 V
Vout = 5.0 V
Measured at
Ground Pin
TJ = 25°C
ILoad = 200 mA
ILoad = 1.0 A
DVout = 5%
Rind = 0.2 W
125
°C
-40
°C
5.0
-25
10
0
20
15
25
25
75
50
35
30
40
100
125
0.8
0.4
0.4
0
0
-0.2
-0.4
0.6
0.2
1.0
0.6
0.2
-0.2
-0.6
2.5
1.5
0.5
0
2.0
1.0
14
10
6.0
4.0
18
12
8.0
16
1.1
0.9
0.7
0.5
1.0
0.8
0.6
1.2
0.8
0.4
1.0
0.6
1.8
1.4
1.6
0.4
-25
0.1
0
0.2
25
0.3
50
0.4
75
0.5
100
0.6
125
0.7
5.0
-25
10
0
15
25
20
50
25
75
30
100
35
125
0.8
0.9
1.0
40
ILoad = 200 mA
ILoad = 1.0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com