Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 22 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button LM2575_09 Datasheet HTML 18Page - ON Semiconductor LM2575_09 Datasheet HTML 19Page - ON Semiconductor LM2575_09 Datasheet HTML 20Page - ON Semiconductor LM2575_09 Datasheet HTML 21Page - ON Semiconductor LM2575_09 Datasheet HTML 22Page - ON Semiconductor LM2575_09 Datasheet HTML 23Page - ON Semiconductor LM2575_09 Datasheet HTML 24Page - ON Semiconductor LM2575_09 Datasheet HTML 25Page - ON Semiconductor LM2575_09 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
22
Figure 32. Undervoltage Lockout Circuit for
Buck−Boost Converter
R2
15 k
Z1
1N5242B
R1
15 k
Q1
2N3904
R3
68 k
Vth ≈ 13 V
Cin
100
mF
LM2575−5.0
1
3
5
GND
ON/OFF
+Vin
+Vin
Vout = -5.0 V
NOTE: This picture does not show the complete circuit.
Adjustable Output, Low−Ripple Power Supply
A 1.0 A output current capability power supply that
features an adjustable output voltage is shown in Figure 33.
This regulator delivers 1.0 A into 1.2 V to 35 V output.
The input voltage ranges from roughly 8.0 V to 40 V. In order
to achieve a 10 or more times reduction of output ripple, an
additional L−C filter is included in this circuit.
Figure 33. Adjustable Power Supply with Low Ripple Voltage
D1
1N5819
L1
150
mH
Output
2
4
Feedback
R2
50 k
R1
1.1 k
L2
20
mH
Regulated
Output Voltage
1.2 V to 35 V @1.0 A
Optional Output
Ripple Filter
Unregulated
DC Input
+
Cout
2200
mF
C1
100
mF
Cin
100
mF
/50 V
LM2575−Adj
1
5
3ON/OFF
GND
+Vin
30
40
50
60
70
80
1.0
1.5
2.0
2.5
3.0
3.5
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
Minimum
Size Pad
2.0 oz. Copper
L
L
Free Air
Mounted
Vertically
Figure 34. D2PAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
PD(max) for TA = 50°C
RqJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com