Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 3 Page - ON Semiconductor

  LM2575_09 Datasheet HTML 1Page - ON Semiconductor LM2575_09 Datasheet HTML 2Page - ON Semiconductor LM2575_09 Datasheet HTML 3Page - ON Semiconductor LM2575_09 Datasheet HTML 4Page - ON Semiconductor LM2575_09 Datasheet HTML 5Page - ON Semiconductor LM2575_09 Datasheet HTML 6Page - ON Semiconductor LM2575_09 Datasheet HTML 7Page - ON Semiconductor LM2575_09 Datasheet HTML 8Page - ON Semiconductor LM2575_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
3
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−40 to +125
°C
Supply Voltage
Vin
40
V
SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 14)
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V
for the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 200 mA. For typical values TJ = 25°C, for min/max values TJ is the
operating junction temperature range that applies [Note 2], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
LM2575−3.3 (Note 1 Test Circuit Figure 14)
Output Voltage (Vin = 12 V, ILoad = 0.2 A, TJ = 25°C)
Vout
3.234
3.3
3.366
V
Output Voltage (4.75 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A)
Vout
V
TJ = 25°C
3.168
3.3
3.432
TJ = −40 to +125°C
3.135
−
3.465
Efficiency (Vin = 12 V, ILoad = 1.0 A)
η
−
75
−
%
LM2575−5 ([Note 1] Test Circuit Figure 14)
Output Voltage (Vin = 12 V, ILoad = 0.2 A, TJ = 25°C)
Vout
4.9
5.0
5.1
V
Output Voltage (8.0 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A)
Vout
V
TJ = 25°C
4.8
5.0
5.2
TJ = −40 to +125°C
4.75
−
5.25
Efficiency (Vin = 12 V, ILoad = 1.0 A)
η
−
77
−
%
LM2575−12 (Note 1 Test Circuit Figure 14)
Output Voltage (Vin = 25 V, ILoad = 0.2 A, TJ = 25°C)
Vout
11.76
12
12.24
V
Output Voltage (15 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A)
Vout
V
TJ = 25°C
11.52
12
12.48
TJ = −40 to +125°C
11.4
−
12.6
Efficiency (Vin = 15V, ILoad = 1.0 A)
η
−
88
−
%
LM2575−15 (Note 1 Test Circuit Figure 14)
Output Voltage (Vin = 30 V, ILoad = 0.2 A, TJ = 25°C)
Vout
14.7
15
15.3
V
Output Voltage (18 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A)
Vout
V
TJ = 25°C
14.4
15
15.6
TJ = −40 to +125°C
14.25
−
15.75
Efficiency (Vin = 18 V, ILoad = 1.0 A)
η
−
88
−
%
LM2575 ADJUSTABLE VERSION (Note 1 Test Circuit Figure 14)
Feedback Voltage (Vin = 12 V, ILoad = 0.2 A, Vout = 5.0 V, TJ = 25°C)
VFB
1.217
1.23
1.243
V
Feedback Voltage (8.0 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A, Vout = 5.0 V)
VFB
V
TJ = 25°C
1.193
1.23
1.267
TJ = −40 to +125°C
1.18
−
1.28
Efficiency (Vin = 12 V, ILoad = 1.0 A, Vout = 5.0 V)
η
−
77
−
%
1. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2575 is used as shown in the Figure 14 test circuit, system performance will be as shown in system parameters section.
2. Tested junction temperature range for the LM2575 and the NCV2575:
Tlow = −40°C
Thigh = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com