Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 23 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button LM2575_09 Datasheet HTML 19Page - ON Semiconductor LM2575_09 Datasheet HTML 20Page - ON Semiconductor LM2575_09 Datasheet HTML 21Page - ON Semiconductor LM2575_09 Datasheet HTML 22Page - ON Semiconductor LM2575_09 Datasheet HTML 23Page - ON Semiconductor LM2575_09 Datasheet HTML 24Page - ON Semiconductor LM2575_09 Datasheet HTML 25Page - ON Semiconductor LM2575_09 Datasheet HTML 26Page - ON Semiconductor LM2575_09 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
23
THE LM2575−5.0 STEP−DOWN VOLTAGE REGULATOR WITH 5.0 V @ 1.0 A OUTPUT POWER
CAPABILITY. TYPICAL APPLICATION WITH THROUGH−HOLE PC BOARD LAYOUT
DC-DC Converter
Figure 35. Schematic Diagram of the LM2575−5.0 Step−Down Converter
Figure 36. Printed Circuit Board
Component Side
Figure 37. Printed Circuit Board
Copper Side
D1
1N5819
L1
330
mH
Output
2
4
Feedback
Unregulated
DC Input
+Vin = +7.0 V to +40 V
Cout
330
mF
/16 V
C1
100
mF
/50 V
LM2575−5.0
1
5
3ON/OFF
GND
+Vin
J1
Regulated Output
+Vout1 = 5.0 V @ 1.0 A
GNDin
GNDout
C1
− 100 mF, 50 V, Aluminium Electrolytic
C2
− 330 mF, 16 V, Aluminium Electrolytic
D1
− 1.0 A, 40 V, Schottky Rectifier, 1N5819
L1
− 330 mH, Tech 39: 77 458 BV, Toroid Core, Through−Hole, Pin 3 = Start, Pin 7 = Finish
NOTE: Not to scale.
NOTE: Not to scale.
+Vout1
+Vin
GNDin
GNDout
C1
L1
C2
D1
J1
U1 LM2575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com