Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 2 Page - ON Semiconductor

  LM2575_09 Datasheet HTML 1Page - ON Semiconductor LM2575_09 Datasheet HTML 2Page - ON Semiconductor LM2575_09 Datasheet HTML 3Page - ON Semiconductor LM2575_09 Datasheet HTML 4Page - ON Semiconductor LM2575_09 Datasheet HTML 5Page - ON Semiconductor LM2575_09 Datasheet HTML 6Page - ON Semiconductor LM2575_09 Datasheet HTML 7Page - ON Semiconductor LM2575_09 Datasheet HTML 8Page - ON Semiconductor LM2575_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
2
Figure 1. Block Diagram and Typical Application
7.0 V - 40 V
Unregulated
DC Input
L1
330
mH
GND
+Vin
1
Cin
100
mF
3ON/OFF
5
Output
2
Feedback
4
D1
1N5819
Cout
330
mF
Typical Application (Fixed Output Voltage Versions)
Representative Block Diagram and Typical Application
Unregulated
DC Input
+Vin
1
Cout
Feedback
4
Cin
L1
D1
R2
R1
1.0 k
Output
2
GND
3
ON/OFF
5
Reset
Latch
Thermal
Shutdown
52 kHz
Oscillator
1.235 V
Band-Gap
Reference
Freq
Shift
18 kHz
Comparator
Fixed Gain
Error Amplifier
Current
Limit
Driver
1.0 Amp
Switch
ON/OFF
3.1 V Internal
Regulator
Regulated
Output
Vout
Load
Output
Voltage Versions
3.3 V
5.0 V
12 V
15 V
R2
(
W)
1.7 k
3.1 k
8.84 k
11.3 k
For adjustable version
R1 = open, R2 = 0
W
LM2575
5.0 V Regulated
Output 1.0 A Load
This device contains 162 active transistors.
ABSOLUTE MAXIMUM RATINGS (Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.)
Rating
Symbol
Value
Unit
Maximum Supply Voltage
Vin
45
V
ON/OFF Pin Input Voltage
−
−0.3 V ≤ V ≤ +Vin
V
Output Voltage to Ground (Steady−State)
−
−1.0
V
Power Dissipation
Case 314B and 314D (TO−220, 5−Lead)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
RqJA
65
°C/W
Thermal Resistance, Junction−to−Case
RqJC
5.0
°C/W
Case 936A (D2PAK)
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient (Figure 34)
RqJA
70
°C/W
Thermal Resistance, Junction−to−Case
RqJC
5.0
°C/W
Storage Temperature Range
Tstg
−65 to +150
°C
Minimum ESD Rating (Human Body Model: C = 100 pF, R = 1.5 kW)
−
2.0
kV
Lead Temperature (Soldering, 10 s)
−
260
°C
Maximum Junction Temperature
TJ
150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com