Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9211FDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P89LPC9211FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH Datasheet(HTML) 4 Page - NXP Semiconductors

  P89LPC9211FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
4 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
4.
Block diagram
Fig 1.
Block diagram (P89LPC9201/9211/922A1)
HIGH PERFORMANCE
ACCELERATED 2-CLOCK 80C51 CPU
2 kB/4 kB/8 kB
CODE FLASH
256-BYTE
DATA RAM
PORT 1
CONFIGURABLE I/Os
PORT 0
CONFIGURABLE I/Os
KEYPAD
INTERRUPT
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU
clock
CONFIGURABLE
OSCILLATOR
ON-CHIP RC
OSCILLATOR WITH
CLOCK DOUBLER
internal
bus
CRYSTAL
OR
RESONATOR
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
002aae421
ANALOG
COMPARATORS
I2C-BUS
PORT 3
CONFIGURABLE I/Os
P89LPC9201/9211/922A1
TIMER 0
TIMER 1
WATCHDOG TIMER
AND OSCILLATOR
P3[1:0]
P1[7:0]
P0[7:0]
XTAL2
XTAL1
SCL
SDA
TXD
RXD
UART
REAL-TIME CLOCK/
SYSTEM TIMER
T0
T1
CMP2
CIN2B
CIN2A
CMP1
CIN1A
CIN1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com