Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9211FDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P89LPC9211FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P89LPC9211FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 13Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
10 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
P0.6/CMP1/KBI6
14
I/O
P0.6 — Port 0 bit 6. High current source.
O
CMP1 — Comparator 1 output.
I
KBI6 — Keyboard input 6.
P0.7/T1/KBI7
13
I/O
P0.7 — Port 0 bit 7. High current source.
I/O
T1 — Timer/counter 1 external count input or overflow output.
I
KBI7 — Keyboard input 7.
P1.0 to P1.7
I/O, I
[1]
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type, except for
three pins as noted below. During reset Port 1 latches are configured in the input
only mode with the internal pull-up disabled. The operation of the configurable
Port 1 pins as inputs and outputs depends upon the port configuration selected.
Each of the configurable port pins are programmed independently. Refer to
Section 7.16.1 “Port configurations” and Table 12 “Static characteristics” for
details. P1.2 to P1.3 are open drain when used as outputs. P1.5 is input only.
All pins have Schmitt trigger inputs.
Port 1 also provides various special functions as described below:
P1.0/TXD
12
I/O
P1.0 — Port 1 bit 0.
O
TXD — Transmitter output for serial port.
P1.1/RXD
11
I/O
P1.1 — Port 1 bit 1.
I
RXD — Receiver input for serial port.
P1.2/T0/SCL
10
I/O
P1.2 — Port 1 bit 2 (open-drain when used as output).
I/O
T0 — Timer/counter 0 external count input or overflow output (open-drain when
used as output).
I/O
SCL — I2C-bus serial clock input/output.
P1.3/INT0/SDA
9
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C-bus serial data input/output.
P1.4/INT1
8I/O
P1.4 — Port 1 bit 4. High current source.
I
INT1 — External interrupt 1 input.
P1.5/RST
4I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1. When
functioning as a reset input, a LOW on this pin resets the microcontroller, causing
I/O ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force ISP mode.
P1.6
3
I/O
P1.6 — Port 1 bit 6. High current source.
P1.7
2
I/O
P1.7 — Port 1 bit 7. High current source.
P3.0 to P3.1
I/O
Port 3: Port 3 is a 2-bit I/O port with a user-configurable output type. During reset
Port 3 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 3 pins as inputs and outputs depends upon the port
configuration selected. Each port pin is configured independently. Refer to Section
7.16.1 “Port configurations” and Table 12 “Static characteristics” for details.
All pins have Schmitt trigger inputs.
Port 3 also provides various special functions as described below:
Table 3.
Pin description …continued
Symbol
Pin
Type Description
TSSOP20,
DIP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com