Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9211FDH Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P89LPC9211FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P89LPC9211FDH Datasheet HTML 42Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
46 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
Table 10 shows the factory default Boot Vector setting for these devices. A
factory-provided bootloader is pre-programmed into the address space indicated and
uses the indicated bootloader entry point to perform ISP functions. This code can be
erased by the user.
Remark: Users who wish to use this loader should take precautions to avoid erasing the
1 kB sector that contains this bootloader. Instead, the page erase function can be used to
erase the first eight 64-byte pages located in this sector.
A custom bootloader can be written with the Boot Vector set to the custom bootloader, if
desired.
7.28.10 Hardware activation of the bootloader
The bootloader can also be executed by forcing the device into ISP mode during a
power-on sequence (see the P89LPC9201/9211/922A1/9241/9251 User manual for
specific information). This has the same effect as having a non-zero status byte. This
allows an application to be built that will normally execute user code but can be manually
forced into ISP operation. If the factory default setting for the boot vector is changed, it will
no longer point to the factory pre-programmed ISP bootloader code. After programming
the flash, the status byte should be programmed to zero in order to allow execution of the
user’s application code beginning at address 0000H.
7.29 User configuration bytes
Some user-configurable features of the P89LPC9201/9211/922A1/9241/9251 must be
defined at power-up and therefore cannot be set by the program after start of execution.
These features are configured through the use of the flash byte UCFG1 and UCFG2.
Please see the P89LPC9201/9211/922A1/9241/9251 User manual for additional details.
7.30 User sector security bytes
There are two/four/eight User Sector Security Bytes on the
P89LPC9201/9211/922A1/9241/9251. Each byte corresponds to one sector. Please see
the P89LPC9201/9211/922A1/9241/9251 User manual for additional details.
8.
ADC (P89LPC9241/9251)
8.1 General description
The P89LPC9241/9251 has two analog-to-digital converter modules: ADC0 and ADC1.
ADC1 is an 8-bit, 4-channel multiplexed successive approximation analog-to-digital
converter. ADC0 is dedicated for on-chip temperature sensor which operates over wide
Table 10.
Default boot vector values and ISP entry points
Device
Default
boot vector
Default
bootloader
entry point
Default bootloader
code range
1 kB sector
range
P89LPC9201
07H
0700H
0600H to 07FFH
0400H to 07FFH
P89LPC9211/9241
0FH
0F00H
0E00H to 0FFFH
0C00H to 0FFFH
P89LPC922A1/9251
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com