Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9211FDH Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P89LPC9211FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P89LPC9211FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 51Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 52Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 53Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 54Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 55Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
52 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
10. Static characteristics
Table 12.
Static characteristics
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD(oper)
operating supply current
VDD = 3.6 V; fosc =12MHz
[2] -10
15
mA
VDD = 3.6 V; fosc =18MHz
[2] -14
23
mA
IDD(idle)
Idle mode supply current
VDD = 3.6 V; fosc =12MHz
[3] -3.25
5
mA
VDD = 3.6 V; fosc =18MHz
[3] -5
7
mA
IDD(pd)
Power-down mode supply
current
VDD = 3.6 V; voltage
comparators powered down
[4] -20
40
μA
IDD(tpd)
total Power-down mode
supply current
VDD = 3.6 V
[5] -1
5
μA
(dV/dt)r
rise rate
of VDD; to ensure POR signal
5
-
5000
V/S
VDDR
data retention supply
voltage
1.5
-
-
V
Vth(HL)
HIGH-LOW threshold
voltage
except SCL, SDA
0.22VDD
0.4VDD
-V
VIL
LOW-level input voltage
SCL, SDA only
−0.5
-
0.3VDD
V
Vth(LH)
LOW-HIGH threshold
voltage
except SCL, SDA
-
0.6VDD
0.7VDD
V
VIH
HIGH-level input voltage
SCL, SDA only
0.7VDD
-5.5
V
Vhys
hysteresis voltage
port 1
-
0.2VDD
-V
VOL
LOW-level output voltage
IOL =20mA; VDD =2.4 Vto
3.6 V all ports, all modes
except high-Z
[6] -0.6
1.0
V
IOL = 3.2 mA; VDD =2.4 V to
3.6 V all ports, all modes
except high-Z
[6] -0.2
0.3
V
VOH
HIGH-level output voltage
IOH = −20 μA;
VDD = 2.4 V to 3.6 V; all ports,
quasi-bidirectional mode
VDD − 0.3
VDD − 0.2
-
V
IOH = −3.2 mA;
VDD = 2.4 V to 3.6 V; all ports,
push-pull mode
VDD − 0.7
VDD − 0.4
-
V
IOH = −10 mA;
VDD = 2.4 V to 3.6 V; all ports,
push-pull mode
-3.2
-
V
Vxtal
crystal voltage
on XTAL1, XTAL2 pins; with
respect to VSS
−0.5
-
+4.0
V
Vn
voltage on any other pin
except XTAL1, XTAL2, VDD;
with respect to VSS
[7]
−0.5
-
+5.5
V
Ciss
input capacitance
[8] --
15
pF
IIL
LOW-level input current
VI =0.4 V
[9] --
−80
μA
ILI
input leakage current
VI =VIL, VIH, or Vth(HL)
[10] --
±1
μA
ITHL
HIGH-LOW transition
current
all ports; VI =1.5 V at
VDD =3.6 V
[11]
−30
-
−450
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com