Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9211FDH Datasheet(PDF) 47 Page - NXP Semiconductors

Part # P89LPC9211FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 2 kB/4 kB/8 kB 3 V byte-erasable flash with 8-bit ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9211FDH Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button P89LPC9211FDH Datasheet HTML 43Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 44Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 45Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 46Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 47Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 48Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 49Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 50Page - NXP Semiconductors P89LPC9211FDH Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 75 page
background image
P89LPC92X1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 1 December 2010
47 of 75
NXP Semiconductors
P89LPC9201/9211/922A1/9241/
8-bit microcontroller with 8-bit ADC
temperature. The temperature sensor is measured through Anin03. Anin00, Anin01 and
Anin02 are unused. A block diagram of the ADC is shown in Figure 15 “ADC block
diagram”.
The ADC consists of an 4-input multiplexer which feeds a sample-and-hold circuit
providing an input signal to comparator inputs. The control logic in combination with the
SAR drives a digital-to-analog converter which provides the other input to the comparator.
The output of the comparator is fed to the SAR.
8.2 Features and benefits
8-bit, 4-channel multiplexed input, successive approximation ADC.
On-chip wide range temperature sensor.
Four result registers for each A/D.
Six operating modes:
Fixed channel, single conversion mode.
Fixed channel, continuous conversion mode.
Auto scan, single conversion mode.
Auto scan, continuous conversion mode.
Dual channel, continuous conversion mode.
Single step mode.
Three conversion start modes:
Timer triggered start.
Start immediately.
Edge triggered.
8-bit conversion time of
≥1.61 μs at an A/D clock of 8.0 MHz.
Interrupt or polled operation.
Boundary limits interrupt.
DAC output to a port pin with high output impedance.
Clock divider.
Power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com