Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85232DA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 13Page - NXP Semiconductors PCA85232DA Datasheet HTML 14Page - NXP Semiconductors PCA85232DA Datasheet HTML 15Page - NXP Semiconductors PCA85232DA Datasheet HTML 16Page - NXP Semiconductors PCA85232DA Datasheet HTML 17Page - NXP Semiconductors PCA85232DA Datasheet HTML 18Page - NXP Semiconductors PCA85232DA Datasheet HTML 19Page - NXP Semiconductors PCA85232DA Datasheet HTML 20Page - NXP Semiconductors PCA85232DA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
17 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
7.8 Segment outputs
The LCD drive section includes 160 segment outputs (S0 to S159) which must be
connected directly to the LCD. The segment output signals are generated in accordance
with the multiplexed backplane signals and with data resident in the display register.
When less than 160 segment outputs are required the unused segment outputs must be
left open-circuit.
7.9 Backplane outputs
The LCD drive section includes four backplane outputs: BP0 to BP3. The backplane
output signals are generated in accordance with the selected LCD drive mode.
• In the 1:4 multiplex drive mode BP0 to BP3 must be connected directly to the LCD.
If less than four backplane outputs are required the unused outputs can be left
open-circuit.
• In 1:3 multiplex drive mode BP3 carries the same signal as BP1, therefore these two
adjacent outputs can be tied together to give enhanced drive capabilities.
• In 1:2 multiplex drive mode BP0 and BP2, BP1 and BP3 respectively carry the same
signals and may also be paired to increase the drive capabilities.
• In static drive mode the same signal is carried by all four backplane outputs and they
can be connected in parallel for very high drive requirements.
The pins for the four backplanes BP0 to BP3 are available on both pin bars of the chip. In
applications it is possible to use either the pins for the backplanes
• on the top pin bar
• on the bottom pin bar
• or both of them to increase the driving strength of the device.
When using all backplanes available they may be connected to the respective sibling
(BP0 on the top pin bar with BP0 on the bottom pin bar and so on).
7.10 Display RAM
The display RAM is a static 160
× 4 bit RAM which stores LCD data. There is a one-to-one
correspondence between
• the bits in the RAM bitmap and the LCD elements
• the RAM columns and the segment outputs
• the RAM rows and the backplane outputs.
A logic 1 in the RAM bitmap indicates the on-state of the corresponding LCD element;
similarly, a logic 0 indicates the off-state.
The display RAM bit map, Figure 11, shows the rows 0 to 3 which correspond with the
backplane outputs BP0 to BP3, and the columns 0 to 159 which correspond with the
segment outputs S0 to S159. In multiplexed LCD applications the segment data of the
first, second, third, and fourth row of the display RAM are time-multiplexed with BP0,
BP1, BP2, and BP3 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com