Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85232DA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA85232DA Datasheet HTML 1Page - NXP Semiconductors PCA85232DA Datasheet HTML 2Page - NXP Semiconductors PCA85232DA Datasheet HTML 3Page - NXP Semiconductors PCA85232DA Datasheet HTML 4Page - NXP Semiconductors PCA85232DA Datasheet HTML 5Page - NXP Semiconductors PCA85232DA Datasheet HTML 6Page - NXP Semiconductors PCA85232DA Datasheet HTML 7Page - NXP Semiconductors PCA85232DA Datasheet HTML 8Page - NXP Semiconductors PCA85232DA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
5 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
6.2 Pin description
[1]
For most applications SDA and SDAACK are shorted together (see Section 12.2).
[2]
The substrate (rear side of the die) is connected to VSS and should be electrically isolated.
Table 3.
Pin description
Symbol
Pin
Description
SDAACK[1]
1 to 3
I2C-bus acknowledge output
SDA[1]
4 to 6
I2C-bus serial data input
SCL
7 to 9
I2C-bus serial clock input
CLK
10
clock input and output
VDD
11 to 13
supply voltage
SYNC
14
cascade synchronization input and output
OSC
15
selection of internal or external clock
T1, T2 and T3
16, 17 and 18 to 20
dedicated testing pins; to be tied to VSS in
application mode
A0 and A1
21, 22
subaddress inputs
SA0
23
I2C-bus slave address input
VSS[2]
24 to 26
ground supply voltage
VLCD
27 to 29
LCD supply voltage
BP2 and BP0
30, 31
LCD backplane outputs
S0 to S79
32 to 111
LCD segment outputs
BP0, BP2, BP1, and BP3
112 to 115
LCD backplane outputs
S80 to S159
116 to 195
LCD segment outputs
BP3 and BP1
196, 197
LCD backplane outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com