Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85232DA Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 45Page - NXP Semiconductors PCA85232DA Datasheet HTML 46Page - NXP Semiconductors PCA85232DA Datasheet HTML 47Page - NXP Semiconductors PCA85232DA Datasheet HTML 48Page - NXP Semiconductors PCA85232DA Datasheet HTML 49Page - NXP Semiconductors PCA85232DA Datasheet HTML 50Page - NXP Semiconductors PCA85232DA Datasheet HTML 51Page - NXP Semiconductors PCA85232DA Datasheet HTML 52Page - NXP Semiconductors PCA85232DA Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
49 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
14. Packing information
Table 25.
Tray dimensions (see Figure 34)
Symbol
Description
Value
A
pocket pitch in x direction
8.8 mm
B
pocket pitch in y direction
3.6 mm
C
pocket width in x direction
6.65 mm
D
pocket width in y direction
1.31 mm
E
tray width in x direction
50.8 mm
F
tray width in y direction
50.8 mm
x
number of pockets, x direction
5
y
number of pockets, y direction
12
Fig 34. Tray details
001aah890
AC
D
B
E
F
y
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com