Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85232DA Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 35Page - NXP Semiconductors PCA85232DA Datasheet HTML 36Page - NXP Semiconductors PCA85232DA Datasheet HTML 37Page - NXP Semiconductors PCA85232DA Datasheet HTML 38Page - NXP Semiconductors PCA85232DA Datasheet HTML 39Page - NXP Semiconductors PCA85232DA Datasheet HTML 40Page - NXP Semiconductors PCA85232DA Datasheet HTML 41Page - NXP Semiconductors PCA85232DA Datasheet HTML 42Page - NXP Semiconductors PCA85232DA Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
39 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
12.3 Cascaded operation
In large display configurations, up to 8 PCA85232 can be distinguished on the same
I2C-bus by using the 2-bit hardware subaddress (A0 and A1) and the programmable
I2C-bus slave address (SA0).
When cascaded PCA85232 are synchronized, they can share the backplane signals from
one of the devices in the cascade. Such an arrangement is cost-effective in large LCD
applications since the backplane outputs of only one device need to be through-plated to
the backplane electrodes of the display. The other PCA85232 of the cascade contribute
additional segment outputs but their backplane outputs are left open-circuit (see
Figure 29).
For display sizes that are not multiple of 640 elements, a mixed cascaded system can be
considered containing only devices like PCA85232 and PCA85133. Depending on the
application, one must take care of the software commands compatibility and pin
connection compatibility.
The SYNC line is provided to maintain the correct synchronization between all cascaded
PCA85232. This synchronization is guaranteed after the Power-On Reset (POR). The
only time that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by
noise in adverse electrical environments, or by the definition of a multiplex mode when
PCA85232 with different SA0 levels are cascaded). SYNC is organized as an input/output
pin; the output selection being realized as an open-drain driver with an internal pull-up
resistor. A PCA85232 asserts the SYNC line at the onset of its last active backplane signal
and monitors the SYNC line at all other times. Should synchronization in the cascade be
lost, it will be restored by the first PCA85232 to assert SYNC. The timing relationship
between the backplane waveforms and the SYNC signal for the various drive modes of
the PCA85232 are shown in Figure 31.
When using an external clock signal with high frequencies (fclk(ext) > 4 kHz) it is
recommended to have an external pull-up resistor between pin SYNC and pin VDD (see
Table 19). This resistor should be present even when no cascading configuration is used!
When using it in a cascaded configuration, care must be taken not to route the SYNC
signal to close to noisy signals.
The contact resistance between the SYNC pads of cascaded devices must be controlled.
If the resistance is too high, the device will not be able to synchronize properly. This is
particularly applicable to COG applications. Table 21 shows the limiting values for contact
resistance.
Table 20.
Addressing cascaded PCA85232
Cluster
Bit SA0
Pin A1
Pin A0
Device
10
000
011
102
113
21
004
015
106
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com