Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA85232DA Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCA85232DA
Description  LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA85232DA Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCA85232DA Datasheet HTML 43Page - NXP Semiconductors PCA85232DA Datasheet HTML 44Page - NXP Semiconductors PCA85232DA Datasheet HTML 45Page - NXP Semiconductors PCA85232DA Datasheet HTML 46Page - NXP Semiconductors PCA85232DA Datasheet HTML 47Page - NXP Semiconductors PCA85232DA Datasheet HTML 48Page - NXP Semiconductors PCA85232DA Datasheet HTML 49Page - NXP Semiconductors PCA85232DA Datasheet HTML 50Page - NXP Semiconductors PCA85232DA Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
PCA85232
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 8 December 2010
47 of 54
NXP Semiconductors
PCA85232
LCD driver for low multiplex rates
The dummy pins are connected to the segments shown (see Table 23) but are not tested.
The alignment marks are shown in Table 24.
S47
79
2034.2
481.5
S142
178
−2431.2
−481.5
S48
80
1891.7
481.5
S143
179
−2377.2
−481.5
S49
81
1837.7
481.5
S144
180
−2234.7
−481.5
S50
82
1783.7
481.5
S145
181
−2180.7
−481.5
S51
83
1729.7
481.5
S146
182
−2126.7
−481.5
S52
84
1675.7
481.5
S147
183
−2072.7
−481.5
S53
85
1621.7
481.5
S148
184
−2018.7
−481.5
S54
86
1567.7
481.5
S149
185
−1964.7
−481.5
S55
87
1513.7
481.5
S150
186
−1910.7
−481.5
S56
88
1459.7
481.5
S151
187
−1856.7
−481.5
S57
89
1405.7
481.5
S152
188
−1802.7
−481.5
S58
90
1351.7
481.5
S153
189
−1748.7
−481.5
S59
91
1297.7
481.5
S154
190
−1694.7
−481.5
S60
92
1243.7
481.5
S155
191
−1640.7
−481.5
S61
93
1189.7
481.5
S156
192
−1586.7
−481.5
S62
94
1135.7
481.5
S157
193
−1532.7
−481.5
S63
95
1081.7
481.5
S158
194
−1478.7
−481.5
S64
96
1027.7
481.5
S159
195
−1424.7
−481.5
S65
97
973.7
481.5
BP3
196
−1370.7
−481.5
S66
98
858.2
481.5
BP1
197
−1316.7
−481.5
S67
99
804.2
481.5
Table 23.
Dummy bumps
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 32.
Symbol
Connected to pin
X (
μm)
Y (
μm)
D1
S131
−3079.2
−481.5
D2
S28
3065.9
−481.5
D3
S29
3121.7
481.5
D4
S130
−3094.7
481.5
Table 24.
Alignment marking
All x/y coordinates represent the position of the REF point (see Figure 33) with respect to the center
(x/y = 0) of the chip; see Figure 32.
Symbol
Size (
μm)
X (
μm)
Y (
μm)
S1
121.5
× 121.5
−2733.75
−47.25
C1
121.5
× 121.5
2603.7
−47.25
Table 22.
Bump locations …continued
All x/y coordinates represent the position of the center of each bump with respect to the center
(x/y = 0) of the chip; see Figure 32.
Symbol
Bump
X (
μm)
Y (
μm)
Symbol
Bump
X (
μm)
Y (
μm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com