Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS70 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF1ICS70
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS70 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF1ICS70 Datasheet HTML 1Page - NXP Semiconductors MF1ICS70 Datasheet HTML 2Page - NXP Semiconductors MF1ICS70 Datasheet HTML 3Page - NXP Semiconductors MF1ICS70 Datasheet HTML 4Page - NXP Semiconductors MF1ICS70 Datasheet HTML 5Page - NXP Semiconductors MF1ICS70 Datasheet HTML 6Page - NXP Semiconductors MF1ICS70 Datasheet HTML 7Page - NXP Semiconductors MF1ICS70 Datasheet HTML 8Page - NXP Semiconductors MF1ICS70 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MF1ICS70_043544
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 4.4 — 25 November 2010
043544
2 of 20
NXP Semiconductors
MF1ICS70
Functional specification
1.3 Simple integration and user convenience
The MF1ICS70 is designed for simple integration and user convenience. Which could
allow complete ticketing transactions to be handled in less than 100 ms. Thus, the
MF1ICS70 card user is not forced to stop at the reader leading to a high throughput at
gates and reduced boarding times onto busses. The MIFARE card may also remain in the
wallet during the transaction, even if there are coins in it.
1.4 Security
Mutual three pass authentication (ISO/IEC DIS 9798-2)
Individual set of two keys per sector (per application) to support multi-application with
key hierarchy
Unique serial number for each device
1.5 Delivery options
Die on wafer
Bumped die on wafer
MOA4 contactless card module
2.
Features and benefits
2.1 MIFARE‚ RF Interface (ISO/IEC 14443 A)
Contactless transmission of data and supply energy (no battery needed)
Operating distance: Up to 100mm (depending on antenna geometry)
Operating frequency: 13.56 MHz
Data transfer: 106 kbit/s
Data integrity: 16 Bit CRC, parity, bit coding, bit counting
Anticollision
Typical ticketing transaction: < 100 ms (including backup management)
2.2 EEPROM
4 Kbyte, organised in 32 sectors with 4 blocks and 8 sectors with 16 blocks (one block
consists of 16 bytes)
User definable access conditions for each memory block
Data retention of 10 years.
Write endurance 100.000 cycles
3.
Ordering information
See Delivery Type Addendum of Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com