Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS70 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MF1ICS70
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS70 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MF1ICS70 Datasheet HTML 2Page - NXP Semiconductors MF1ICS70 Datasheet HTML 3Page - NXP Semiconductors MF1ICS70 Datasheet HTML 4Page - NXP Semiconductors MF1ICS70 Datasheet HTML 5Page - NXP Semiconductors MF1ICS70 Datasheet HTML 6Page - NXP Semiconductors MF1ICS70 Datasheet HTML 7Page - NXP Semiconductors MF1ICS70 Datasheet HTML 8Page - NXP Semiconductors MF1ICS70 Datasheet HTML 9Page - NXP Semiconductors MF1ICS70 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MF1ICS70_043544
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 4.4 — 25 November 2010
043544
6 of 20
NXP Semiconductors
MF1ICS70
Functional specification
6.2.5 Memory operations
After authentication any of the following operations may be performed:
Read block
Write block
Decrement: Decrements the content of a block and stores the result in a temporary
internal data-register
Increment: Increments the content of a block and stores the result in the data-register
Restore: Moves the content of a block into the data-register
Transfer: Writes the content of the temporary internal data-register to a value block
6.3 Data integrity
Following mechanisms are implemented in the contactless communication link between
reader and card to ensure very reliable data transmission:
16 bits CRC per block
Parity bits for each byte
Bit count checking
Bit coding to distinguish between "1", "0", and no information
Channel monitoring (protocol sequence and bit stream analysis)
6.4 Three pass authentication sequence
1. The reader specifies the sector to be accessed and chooses key A or B.
2. The card reads the secret key and the access conditions from the sector trailer. Then
the card sends a random number as the challenge to the reader (pass one).
3. The reader calculates the response using the secret key and additional input. The
response, together with a random challenge from the reader, is then transmitted to the
card (pass two).
4. The card verifies the response of the reader by comparing it with its own challenge
and then it calculates the response to the challenge and transmits it (pass three).
5. The reader verifies the response of the card by comparing it to its own challenge
After transmission of the first random challenge the communication between card and
reader is encrypted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com