Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS70 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MF1ICS70
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS70 Datasheet(HTML) 5 Page - NXP Semiconductors

  MF1ICS70 Datasheet HTML 1Page - NXP Semiconductors MF1ICS70 Datasheet HTML 2Page - NXP Semiconductors MF1ICS70 Datasheet HTML 3Page - NXP Semiconductors MF1ICS70 Datasheet HTML 4Page - NXP Semiconductors MF1ICS70 Datasheet HTML 5Page - NXP Semiconductors MF1ICS70 Datasheet HTML 6Page - NXP Semiconductors MF1ICS70 Datasheet HTML 7Page - NXP Semiconductors MF1ICS70 Datasheet HTML 8Page - NXP Semiconductors MF1ICS70 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MF1ICS70_043544
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 4.4 — 25 November 2010
043544
5 of 20
NXP Semiconductors
MF1ICS70
Functional specification
6.2.3 Select card
With the select card command the reader selects one individual card for authentication
and memory related operations. The card returns the Answer To Select (ATS) code
(=18h), which determines the type of the selected card. Please refer to the document
“MIFARE‚ Standardized Card Type Identification Procedure” for further details.
6.2.4 Three pass authentication
After selection of a card the reader specifies the memory location of the following memory
access and uses the corresponding key for the three pass authentication procedure. After
a successful authentication all memory operations are encrypted.
Fig 3.
Three pass authentication
Request Standard
Request All
Anticollision Loop
Get Serial Number
Select Card
3 Pass Authentication
sector specific
Read
Block
Write
Block
Decre-
ment
Incre-
ment
Re-
store
Halt
Transfer
Identification and Selection
Procedure
3 ms without collision
+ 1 ms for each collision
Typical Transaction
Authentication Procedure
2 ms
Transaction
POR
Memory Operations
2.5 ms
read block
6.0 ms
write block
2.5 ms
dec/increment
4.5 ms
transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com