Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS70 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MF1ICS70
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS70 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MF1ICS70 Datasheet HTML 5Page - NXP Semiconductors MF1ICS70 Datasheet HTML 6Page - NXP Semiconductors MF1ICS70 Datasheet HTML 7Page - NXP Semiconductors MF1ICS70 Datasheet HTML 8Page - NXP Semiconductors MF1ICS70 Datasheet HTML 9Page - NXP Semiconductors MF1ICS70 Datasheet HTML 10Page - NXP Semiconductors MF1ICS70 Datasheet HTML 11Page - NXP Semiconductors MF1ICS70 Datasheet HTML 12Page - NXP Semiconductors MF1ICS70 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MF1ICS70_043544
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 4.4 — 25 November 2010
043544
9 of 20
NXP Semiconductors
MF1ICS70
Functional specification
• Adr: Signifies a 1-byte address, which can be used to save the storage address of a
block, when implementing a powerful backup management. The address byte is
stored four times, twice inverted and non-inverted. During increment, decrement,
restore and transfer operations the address remains unchanged. It can only be
altered via a write command.
6.6.3 Sector trailer
Each sector has a sector trailer. Due to the memory configuration of the MF1ICS70 this
sector trailer is located in block 3 of each sector in the first two kByte of the NV-memory
respectively in block 15 of each sector in the upper 2 kByte of the 4 kByte NV-memory.
Each sector trailer holds the
• secret keys A and B (optional), which return logical “0”s when read and
• the access conditions for the four blocks of that sector, which are stored in bytes 6...9.
The access bits also specify the type (read/write or value) of the data blocks.
If key B is not needed, the last 6 bytes of the sector trailer can be used as data bytes.Byte
9 of the sector trailer is available for user data. For this byte the same access rights as for
byte 6, 7 and 8 apply.
All keys are set to FFFFFFFFFFFFh at chip delivery.
Fig 6.
Value blocks
Byte Number
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Description
Adr
Value
Value
Value
Adr
Adr
Adr
Fig 7.
Sector trailer
Byte Number
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Description
Key A
Access Bits
Key B (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com