Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS70 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MF1ICS70
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS70 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MF1ICS70 Datasheet HTML 3Page - NXP Semiconductors MF1ICS70 Datasheet HTML 4Page - NXP Semiconductors MF1ICS70 Datasheet HTML 5Page - NXP Semiconductors MF1ICS70 Datasheet HTML 6Page - NXP Semiconductors MF1ICS70 Datasheet HTML 7Page - NXP Semiconductors MF1ICS70 Datasheet HTML 8Page - NXP Semiconductors MF1ICS70 Datasheet HTML 9Page - NXP Semiconductors MF1ICS70 Datasheet HTML 10Page - NXP Semiconductors MF1ICS70 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MF1ICS70_043544
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 4.4 — 25 November 2010
043544
7 of 20
NXP Semiconductors
MF1ICS70
Functional specification
6.5 RF interface
The RF-interface is according to the standard for contactless smart cards
ISO/IEC 14443 A.
The carrier field from the reader is always present (with short pauses when transmitting),
because it is used for the power supply of the card.
For both directions of data communication there is only one start bit at the beginning of
each frame. Each byte is transmitted with a parity bit (odd parity) at the end. The LSB of
the byte with the lowest address of the selected block is transmitted first. The maximum
frame length is 163 bits (16 data bytes + 2 CRC bytes = 16 * 9 + 2 * 9 + 1 start bit).
6.6 Memory organization
The 4 kByte EEPROM memory is organised in 32 sectors with 4 blocks and in 8 sectors
with 16 blocks. One block consists of 16 bytes. In the erased state the EEPROM cells are
read as a logical “0”, in the written state as a logical “1”.
Fig 4.
Memory organization
Sec to r
Blo c k
0
1
234
5
678
9 1 0 1 1 12 1 3 1 4 1 5
Des crip tio n
39
1 5
Sec to r T ra iler 39
14
Data
13
Data
..
..
..
..
2
Data
1
Data
0
Data
..
..
..
..
..
..
32
1 5
Sec to r T ra iler 32
14
Data
13
Data
..
..
..
..
2
Data
1
Data
0
Data
31
3
Sec to r T ra iler 31
2
Data
1
Data
0
Data
..
..
..
..
..
..
03
Sec to r T ra iler 0
2
Data
1
Data
0
M a nu fa c tu rer D a ta
B yte N u m ber w ith in a B loc k
Key A
A c ce s s B its
K e y B
Key A
A c ce s s B its
K e y B
Ac ce s s B its
Ac ce s s B its
Key AK e y B
Key AK e y B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com