Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS25 Datasheet(PDF) 13 Page - Intel Corporation

Part # MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Datasheet(HTML) 13 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 9Page - Intel Corporation MFSYS25 Datasheet HTML 10Page - Intel Corporation MFSYS25 Datasheet HTML 11Page - Intel Corporation MFSYS25 Datasheet HTML 12Page - Intel Corporation MFSYS25 Datasheet HTML 13Page - Intel Corporation MFSYS25 Datasheet HTML 14Page - Intel Corporation MFSYS25 Datasheet HTML 15Page - Intel Corporation MFSYS25 Datasheet HTML 16Page - Intel Corporation MFSYS25 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Overview
2.3
External Chassis Features – Rear
The following figure shows the rear view of the platform with all modules populated.
AF002564
C
B
D
E
A
Item
Description
A
Power supply units (four, 3+1)
B
Main cooling modules (required)
C
Ethernet switch modules
D
Storage controllers
E
Management module (required)
Figure 4. Rear View of Server Platform
2.3.1
Power Supply Module
Four hot-swap power supply modules are installed in the right rear of the chassis. Each supply
has its own AC input power connector and is rated at 1000 W over an input range of 100-240
VAC. Each power supply includes two fans that provide cooling for optional hot-swap disk
drives.
See Section 3.8 for more details on the power supply module.
2.3.2
I/O Slots
The middle-rear of the chassis can accommodate up to four expansion modules. See the
following sections for a description of the two I/O modules currently offered.
2.3.2.1
Ethernet Switch Module
The chassis can accommodate up to two hot-swap Ethernet switch modules. Each switch has
ten uplink ports on the rear panel in addition to two ports routed to each compute module. One
switch module is the minimum configuration for external networking, with a second switch
module allowing network redundancy.
Revision 1.3
Intel order number E15155-005
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com