Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS25 Datasheet(PDF) 20 Page - Intel Corporation

Part # MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Datasheet(HTML) 20 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 16Page - Intel Corporation MFSYS25 Datasheet HTML 17Page - Intel Corporation MFSYS25 Datasheet HTML 18Page - Intel Corporation MFSYS25 Datasheet HTML 19Page - Intel Corporation MFSYS25 Datasheet HTML 20Page - Intel Corporation MFSYS25 Datasheet HTML 21Page - Intel Corporation MFSYS25 Datasheet HTML 22Page - Intel Corporation MFSYS25 Datasheet HTML 23Page - Intel Corporation MFSYS25 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
System Details
Intel® Modular Server System MFSYS25/MFSYS35 TPS
3. System Details
3.1 Specifications
3.1.1
Environmental Specifications Summary
The following table describes the environmental specifications of the Intel
® Modular Server
System MFSYS25/MFSYS35
Table 2. Environmental Specifications Summary
Environment
Specification
Temperature operating
10°C to 35°C
50°F to 95°F
Temperature non-operating
-40°C to 70°C
-40°F to 158°F
Altitude
-30 to 1,500 m
-100 to 5,000 ft
Humidity non-operating
95%, non-condensing at temperatures of 25°C (77°F) to 30°C (86°F)
Vibration non-operating
2.2 g, 10 minutes per axis on each of the three axes
Shock operating
Half-sine 2 G, 11 ms pulse, 100 pulses in each direction, on each of the three axes
Shock non-operating
Trapezoidal, 25 G, two drops on each of six faces
∆V : 175 inches/sec on bottom face drop, 90 inches/sec on other 5 faces
Safety
UL60 950, CSA60 950, AS/NZS 3562, GB4943-1995, EN60 950 and 73/23/EEC, IEC 60
950, EMKO-TSE (74-SEC) 207/94, GOST-R 50377-92
Emissions
Certified to FCC Class A; tested to CISPR 22 Class A, EN 55022 Class A and
89/336/EEC, VCCI Class A, AS/NZS 3548 Class A, ICES-003 Class A, GB9254-1998,
MIC Notice 1997-42 Class A, GOST-R 29216-91 Class A, BSMI CNS13438
Immunity
Verified to comply with EN55024, CISPR 24, GB9254-1998, MIC Notice 1997-41,
GOST-R 50628-95
Electrostatic discharge
Tested to ESD levels up to 15 kilovolts (kV) air discharge and up to 8 kV contact
discharge without physical damage
Acoustic
Sound power: < 7.0 BA at ambient temperature < 23° C measured using the Dome
Method
GOST MsanPiN 001-96
3.1.2
Physical Specifications Summary
The following table describes the physical specifications of the Intel
® Modular Server System
MFSYS25/MFSYS35.
Table 3. Physical Specifications of Chassis
Specification
Value
Height – 6U
10.3 inches
261.4 mm
Width
17.5 inches
444.4 mm
Depth
28.4 inches
720.2 mm
Weight (full configuration)
187 lbs
85 kg
The following table describes the physical dimensions of the Intel
® Modular Server System
MFSYS25/MFSYS35
and all components.
14
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com