Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS25 Datasheet(PDF) 21 Page - Intel Corporation

Part # MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Datasheet(HTML) 21 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 17Page - Intel Corporation MFSYS25 Datasheet HTML 18Page - Intel Corporation MFSYS25 Datasheet HTML 19Page - Intel Corporation MFSYS25 Datasheet HTML 20Page - Intel Corporation MFSYS25 Datasheet HTML 21Page - Intel Corporation MFSYS25 Datasheet HTML 22Page - Intel Corporation MFSYS25 Datasheet HTML 23Page - Intel Corporation MFSYS25 Datasheet HTML 24Page - Intel Corporation MFSYS25 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Details
Table 4. Physical Dimensions of Hardware Components
Module
Height
Width
Length
Chassis
261.4 mm
444.4 mm
720.2 mm
Compute module
41.7 mm
279.4 mm
420.3 mm
CMM
25.0 mm
167.6 mm
295.9 mm
I/O
38.0 mm
167.6 mm
295.9 mm
Storage
32.0 mm
167.6 mm
295.9 mm
Hard drive bay
182.5 mm
130.2 mm
419.1 mm
Power supply
module
53.3 mm
115 mm
286.3 mm
Main cooling module
126.6 mm
126.0 mm
291.9 mm
I/O cooling module
49.4 mm
132.6 mm
416.9 mm
3.1.3
Power Specifications Summary
The following table provides a summary of the 12V power budget for all modules in the Intel
®
Modular Server System MFSYS25/MFSYS35
.
Table 5. Power Budget of Hardware Components
Subsystem
12V
Budget
Compute module
406 W
Mezzanine card
5 W
Chassis management module
5 W
I/O Switch
40 W
Storage module
48 W
2.5/3.5-inch SAS drives
140 W
Chassis
188 W
Power supply blank
26 W
System Total
Power subsystem spec
3000 W
The following table provides a summary of the power and heat dissipation specifications for the
Intel
® Modular Server System MFSYS25/MFSYS35.
Table 6. Power and Heat Dissipation Specifications of Chassis
Power Supply Input
1240 W
Power Supply Output
1050 W
System Power Input
3720 W
System Power Output
3150 W
System Power
100 V – 127 V, 200 V – 240 V
System Heat Dissipation
3720 W (12,701 BTUH) maximum
System Heat Dissipation
428 W (1461 BTUH) minimum
Revision 1.3
Intel order number E15155-005
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com