Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS25 Datasheet(PDF) 14 Page - Intel Corporation

Part # MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Datasheet(HTML) 14 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 10Page - Intel Corporation MFSYS25 Datasheet HTML 11Page - Intel Corporation MFSYS25 Datasheet HTML 12Page - Intel Corporation MFSYS25 Datasheet HTML 13Page - Intel Corporation MFSYS25 Datasheet HTML 14Page - Intel Corporation MFSYS25 Datasheet HTML 15Page - Intel Corporation MFSYS25 Datasheet HTML 16Page - Intel Corporation MFSYS25 Datasheet HTML 17Page - Intel Corporation MFSYS25 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
System Overview
Intel® Modular Server System MFSYS25/MFSYS35 TPS
See Section 3.6 for a description of this module.
2.3.2.2
Storage Controller Module
The chassis can accommodate up to two hot-swap storage controller modules to support the
external hard disks in the front storage enclosure. One storage controller is the minimum
configuration, with a second storage controller allowing storage controller redundancy. Storage
controller failures are automatically detected and hard drive access is maintained through the
operational storage controller.
See Section 3.7 for a description of this system.
2.3.3
Chassis Management Module
The chassis management module, installed in the middle-rear of the chassis amid the four I/O
slots, provides an Internet browser interface that allows for configuration and management of
the entire Intel
® Modular Server System MFSYS25/MFSYS35. This module is not redundant,
but the system continues to operate normally should this module fail although any changes to
the system configuration cannot be made until the failed chassis management module is
replaced.
See Section 3.5 for a description of this module.
2.3.4
Main Cooling Module
Two hot-swap cooling modules are installed on the left rear of the chassis. Each cooling module
contains two redundant fans that operate in a (1+1) cooling redundancy. Cooling module 1
cools compute modules 1-3; cooling module 2 cools compute modules 4-6.
2.4
Internal Chassis Features
The following figures provide an internal view of how the Intel
® Modular Server System
MFSYS25/MFSYS35
system boards are connected.
8
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com