Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFSYS25 Datasheet(PDF) 17 Page - Intel Corporation

Part # MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Datasheet(HTML) 17 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 13Page - Intel Corporation MFSYS25 Datasheet HTML 14Page - Intel Corporation MFSYS25 Datasheet HTML 15Page - Intel Corporation MFSYS25 Datasheet HTML 16Page - Intel Corporation MFSYS25 Datasheet HTML 17Page - Intel Corporation MFSYS25 Datasheet HTML 18Page - Intel Corporation MFSYS25 Datasheet HTML 19Page - Intel Corporation MFSYS25 Datasheet HTML 20Page - Intel Corporation MFSYS25 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Overview
2.4.2
Storage Interposer Board
The interposer board mounts vertically in the front left of the system and connects the midplane
to the hot-swap backplane in the storage enclosure. Each compute module connects to the
storage controller with a non-RAID SAS controller, with the storage controller providing the RAID
functionality.
2.5 Mounting and Service Features
2.5.1
Chassis
The platform utilizes a standard 19-inch EIA chassis, 6U high by 28 inches deep. The chassis
can be rack-mounted or used as a pedestal system. Rack mounting the platform requires a
space of 6U high by 19 inches wide by 34 inches deep, with additional six inches required for
cable management. When used in a rack, the chassis may be mounted with an optional rail kit.
Pedestal operation requires the installation of six rubber feet to the bottom of the chassis.
The 6U height is defined by standard EIA rack units, where 1U equals 1.75 inches. The 28-inch
depth is measured from the front mounting flange to the back of the I/O slots. This
measurement does not include cables or the bezel.
2.5.2
Rails
The platform accommodates rails to mount the chassis into a standard 19-inch rack. The Intel
®
Modular Server System MFSYS25/MFSYS35
uses fixed rails. All customer-accessible
components provide either front or rear access. The rails attach to the rack using a tool-less
mechanism. The system rests on the shelves of the rails and attaches to the rack using the
integrated thumbscrews on the front flanges of the system. No loose hardware is needed.
2.6
Server Management
The management of all components in the system can be done through the chassis
management module. This module provides a browser-based management interface that allows
the configuration and management of all modules. As part of the compute module
manageability, the chassis management module provides remote access (such as connectivity
via Ethernet) to Keyboard-VDU-Mouse (KVM), USB media and serial console.
The management subsystem conforms to the IPMI v2.0 Specification for communication within
the chassis (such as between the chassis management module and other system components).
SNMP is supported by the chassis management module for external system management.
Revision 1.3
Intel order number E15155-005
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com