Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP30 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SP30
Description  Tire Pressure Monitoring Sensor SP30
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SP30 Datasheet HTML 1Page - Infineon Technologies AG SP30 Datasheet HTML 2Page - Infineon Technologies AG SP30 Datasheet HTML 3Page - Infineon Technologies AG SP30 Datasheet HTML 4Page - Infineon Technologies AG SP30 Datasheet HTML 5Page - Infineon Technologies AG SP30 Datasheet HTML 6Page - Infineon Technologies AG SP30 Datasheet HTML 7Page - Infineon Technologies AG SP30 Datasheet HTML 8Page - Infineon Technologies AG SP30 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Datasheet
Tire Pressure Monitoring Sensor SP30
TS
Rev.
Page
of
1085
5
5
14
2 Product Characteristics
The max and min values are to be understood as + and - 5
σ values (Cpk = 1.67) unless otherwise specified.
2.1
Measurement performance
2.1.1
Pressure measurement
The presented performance reflects the use of 11-bit measurement of pressure signal and 10-bit measurement of
temperature.
2.1.1.1
Standard pressure measurement range
Table 1 Pressure measurement specifications, 100-450kPa range
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
Temp [°C]
VDD [V]
COMMENTS
Pressure range
100
450
kPa
-40 to 125
2.1 to 3.6
-7
7
kPa
0 to 50
2.1 to 3.6
-9
9
kPa
50 to 70
2.1 to 3.6
Measurement error
-17.5
17.5
kPa
-40 to 125
2.1 to 3.6
2.1.1.2
Optional pressure measurement ranges
Table 2 Pressure measurement specifications, 100-700kPa range
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
Temp [°C]
VDD [V]
COMMENTS
Pressure range
100
700
kPa
-40 to 125
2.1 to 3.6
-11
11
kPa
0 to 50
2.1 to 3.6
-14
14
kPa
50 to 70
2.1 to 3.6
Measurement error
-28
28
kPa
-40 to 125
2.1 to 3.6
Table 3 Pressure measurement specifications, 100-800kPa range
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
Temp [°C]
VDD [V]
COMMENTS
Pressure range
100
800
kPa
-40 to 125
2.1 to 3.6
-12.5
12.5
kPa
0 to 50
2.1 to 3.6
-16
16
kPa
50 to 70
2.1 to 3.6
Measurement error
-19.5
19.5
kPa
-40 to 125
2.1 to 3.6
Table 4 Pressure measurement specifications, 100-900kPa range
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
Temp [°C]
VDD [V]
COMMENTS
Pressure range
100
900
kPa
-40 to 125
2.1 to 3.6
-14
14
kPa
0 to 50
2.1 to 3.6
-18
18
kPa
50 to 70
2.1 to 3.6
Measurement error
-35
35
kPa
-40 to 125
2.1 to 3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com