Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP30 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SP30
Description  Tire Pressure Monitoring Sensor SP30
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SP30 Datasheet HTML 6Page - Infineon Technologies AG SP30 Datasheet HTML 7Page - Infineon Technologies AG SP30 Datasheet HTML 8Page - Infineon Technologies AG SP30 Datasheet HTML 9Page - Infineon Technologies AG SP30 Datasheet HTML 10Page - Infineon Technologies AG SP30 Datasheet HTML 11Page - Infineon Technologies AG SP30 Datasheet HTML 12Page - Infineon Technologies AG SP30 Datasheet HTML 13Page - Infineon Technologies AG SP30 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Datasheet
Tire Pressure Monitoring Sensor SP30
TS
Rev.
Page
of
1085
5
13
14
6 Pin Configuration
Figure 3: Pin Configuration. Top view, not to scale
Table 20 Pin Description
PIN
NAME
FUNCTION
1
IN4
LF receiver channel 2, negative input
2
P10
General purpose I/O with external wakeup, internal pull-up/pull-down
3
P11
General purpose I/O with external wakeup, internal pull-up/pull-down
4
MSDA
Monitor Serial Data I/O, internal pull-up
5
MSCL
Monitor Serial Clock input
6
VDD
Supply pad VDD (battery, positive terminal)
7
VSS
Common ground (battery, negative terminal)
8
VSS
Common ground (battery, negative terminal)
9
P17
General purpose I/O (or digital modulator output)
10
P15
General purpose I/O or external clock
11
P14
General purpose I/O (or digital modulator output)
12
IN1
LF receiver channel 1, positive input
13
IN2
LF receiver channel 1, negative input
14
IN3
LF receiver channel 2, positive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com