Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP30 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SP30
Description  Tire Pressure Monitoring Sensor SP30
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SP30 Datasheet HTML 2Page - Infineon Technologies AG SP30 Datasheet HTML 3Page - Infineon Technologies AG SP30 Datasheet HTML 4Page - Infineon Technologies AG SP30 Datasheet HTML 5Page - Infineon Technologies AG SP30 Datasheet HTML 6Page - Infineon Technologies AG SP30 Datasheet HTML 7Page - Infineon Technologies AG SP30 Datasheet HTML 8Page - Infineon Technologies AG SP30 Datasheet HTML 9Page - Infineon Technologies AG SP30 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Datasheet
Tire Pressure Monitoring Sensor SP30
TS
Rev.
Page
of
1085
5
6
14
2.1.2
Acceleration measurement
The presented performance reflects the use of 12-bit measurement of acceleration signal and 10-bit measurement for
temperature.
Table 5 Acceleration measurement specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
Temp [°C]
VDD [V]
COMMENTS
Input range
-12
115
g
-40 to 90
2.1 to 3.6
Sensitivity accuracy
-18.75
18.75
%
-40 to 90
2.1 to 3.6
-6
6
g
-20 to 70
2.1 to 3.6
Offset accuracy
-8.5
8.5
g
-40 to 90
2.1 to 3.6
2.1.3
Temperature measurement
The presented performance reflects the use of 10-bit measurement of temperature.
Table 6 Temperature measurement specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
Temp [°C]
VDD [V]
COMMENTS
-3
3
°C
-20 to 70
2.1 to 3.6
-5
5
°C
-40 to 90
2.1 to 3.6
Measurement error
-3
7
°C
90 to 125
2.1 to 3.6
2.1.4
Supply voltage measurement
The presented performance reflects the use of 9-bit measurement of supply voltage.
Table 7 Supply voltage measurement specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
Measurement error
-100
+100
mV
-40 to 125
VTHR to 3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com