Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP30 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SP30
Description  Tire Pressure Monitoring Sensor SP30
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SP30 Datasheet HTML 6Page - Infineon Technologies AG SP30 Datasheet HTML 7Page - Infineon Technologies AG SP30 Datasheet HTML 8Page - Infineon Technologies AG SP30 Datasheet HTML 9Page - Infineon Technologies AG SP30 Datasheet HTML 10Page - Infineon Technologies AG SP30 Datasheet HTML 11Page - Infineon Technologies AG SP30 Datasheet HTML 12Page - Infineon Technologies AG SP30 Datasheet HTML 13Page - Infineon Technologies AG SP30 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Datasheet
Tire Pressure Monitoring Sensor SP30
TS
Rev.
Page
of
1085
5
10
14
4 Absolute Maximum Ratings
Table 19 Absolute maximum ratings
SPECIFICATION
PARAMETER
Min
Typ
Max
Unit
COMMENTS
Ambient temperature, operating
-40
150
°C
Max 24 hrs accumulated over life time
Ambient temperature, storage
-40
150
°C
Max 1000 hours
Transient temperature
1
175
°C
Max 3 min
Supply Voltage
-0.3
4.0
V
Input voltage
-0.3
Vdd+0.3
V
Input current, any pin (DC)
-10
10
mA
Input current, any pin (transient)
-100
100
mA
Input current, LF pins
-1
1
mA
Maximum input pressure
1400
kPa
Burst pressure
2000
kPa
Static acceleration
2000
g
Mechanical shock
4000
g
Half sine, 0.3ms
2
kV
Human body model AEC-Q100
ESD
200
V
Machine model AEC-Q100
Latch Up
100
mA
AEC-Q100
Attention: Stress beyond the absolute maximum ratings may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the device.
1 Will withstand standard reflow soldering process (JEDEC JESD22-B102-C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com